Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1585A Datasheet(PDF) 4 Page - Linear Technology

Part # LT1585A
Description  5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585A Datasheet(HTML) 4 Page - Linear Technology

  LT1585A Datasheet HTML 1Page - Linear Technology LT1585A Datasheet HTML 2Page - Linear Technology LT1585A Datasheet HTML 3Page - Linear Technology LT1585A Datasheet HTML 4Page - Linear Technology LT1585A Datasheet HTML 5Page - Linear Technology LT1585A Datasheet HTML 6Page - Linear Technology LT1585A Datasheet HTML 7Page - Linear Technology LT1585A Datasheet HTML 8Page - Linear Technology LT1585A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1585A/LT1585A-3.3
1585afa
TYPICAL PERFORMANCE CHARACTERISTICS
LT1585A-3.3 Quiescent Current
vs Temperature
TEMPERATURE (°C)
–75
9
11
13
125
LT1585A • TPC09
7
5
8
10
12
6
4
3
–25
25
75
–50
150
0
50
100
175
LT1585A-3.3 Ripple Rejection
vs Frequency
FREQUENCY (Hz)
20
40
50
70
90
10
1k
10k
100k
LT1585A • TPC10
0
100
60
30
10
80
LT1585A-3.3: (VIN – VOUT) ≤ 3V
0.5V ≤ VRIPPLE ≤ 2V
IOUT = IFULL LOAD
LT1585A Maximum Power
Dissipation*
CASE TEMPERATURE (˚C)
50
20
25
30
80
100
LT1585A • TPC11
15
10
60 70
90
110 120 130 140 150
5
0
TEMPERATURE (°C)
–75
1.255
1.265
1.275
125
LT1585A • TPC04
1.245
1.235
1.250
1.260
1.270
1.240
1.230
1.225
–25
25
75
–50
150
0
50
100
175
LT1585A Reference Voltage
vs Temperature
LT1585A-3.3 Output Voltage
vs Temperature
TEMPERATURE (°C)
–75
3.33
3.34
3.35
125
LT1585A • TPC06
3.32
3.31
3.30
3.29
3.28
3.27
3.26
3.25
–25
25
75
–50
150
0
50
100
175
VOUT = 3.3V
Output Voltage vs Temperature
Using Adjustable LT1585A
TEMPERATURE (°C)
–75
3.60
3.65
3.70
125
LT1585A • TPC05
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
–25
25
75
–50
150
0
50
100
175
VOUT = 3.6V
VOUT = 3.45V
VOUT = 3.38V
VOUT = 3.3V
VOUT SET WITH 1% RESISTORS
LT1585A Adjust Pin Current
vs Temperature
TEMPERATURE (°C)
–75
60
80
100
125
LT1585A • TPC08
40
20
50
70
90
30
10
0
–25
25
75
–50
150
0
50
100
175
LT1585A Minimum Load Current
vs Temperature
TEMPERATURE (°C)
–75
3
4
5
125
LT1585A • TPC07
2
1
0
–25
25
75
–50
150
0
50
100
175
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE


Similar Part No. - LT1585A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
More results

Similar Description - LT1585A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com