Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1716 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1716
Description  SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716 Datasheet(HTML) 4 Page - Linear Technology

  LT1716 Datasheet HTML 1Page - Linear Technology LT1716 Datasheet HTML 2Page - Linear Technology LT1716 Datasheet HTML 3Page - Linear Technology LT1716 Datasheet HTML 4Page - Linear Technology LT1716 Datasheet HTML 5Page - Linear Technology LT1716 Datasheet HTML 6Page - Linear Technology LT1716 Datasheet HTML 7Page - Linear Technology LT1716 Datasheet HTML 8Page - Linear Technology LT1716 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1716
4
1716fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range of –40°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. Split supply operation VS = ±15V, VCM = 0V
unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LT1716C/LT1716I
UNITS
MIN
TYP
MAX
VOL
Output Voltage Swing Low
(Referred to V)
ISINK = 0mA, VOVERDRIVE = –10mV
ISINK = 0.1mA
ISINK = 1mA
ISINK = 5mA
l
l
l
l
20
75
200
550
35
110
300
900
mV
mV
mV
mV
VOH
Output Voltage Swing High
(Referred to V+)
ISOURCE = 0μA, VOVERDRIVE = 10mV
ISOURCE = 10μA
l
l
45
140
75
210
mV
mV
Leakage Current
VOUT = 25V, VOVERDRIVE > 100mV
l
0.6
2
μA
Propagation Delay
VOVERDRIVE > 100mV, RLOAD = 10k
5.5
9
μs
The
l denotes the specifications which apply over the full operating temperature range of –40°C < TA < 125°C, otherwise specifications
are at TA = 25°C. Single supply operation V+ = 5V, V= 0V; VCM = VCC/2 unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LT1716H
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
0.5V < VCM < (VCC – 1V)
l
300
1600
2900
μV
μV
Input Offset Voltage Drift (Note 5)
l
2μV/°C
IOS
Input Offset Current
VCM = V+/2
VCM = 0V
VCM = 44V
l
l
l
3
220
1.3
0.9
nA
μA
μA
IB
Input Bias Current
VCM = V+/2
l
20
50
900
nA
nA
V+ = 0V, VCM = 44V
VCM = 0V
VCM = 44V
VCM = –5V
l
l
l
2
3
6
1
25
14
1.4
nA
μA
μA
mA
Input Voltage Range (Note 7)
0.5
44
V
CMRR
Common Mode Rejection Ratio
0.5V < VCM < (V+ – 1V)
0.5V < VCM < 44V (Note 6)
l
l
75
72
110
110
dB
dB
PSRR
Power Supply Rejection Ratio
V= 0V, VCM = 1.5V, 2.7V < V+ < 36V
l
85
110
dB
Minimum Operating Supply Voltage
l
2.4
2.7
V
AVOL
Large-Signal Voltage Gain
RL = 1k, 1V < VOUT < 4V
RL = 6k
l
200
20
500
V/mV
V/mV
IS
Supply Current per Amplifier
V+ = 3V, RL = Open, VO = High
l
35
50
70
μA
μA
V+ = 5V, RL = Open, VO = High
l
35
55
75
μA
μA
V+ = 12V, RL = Open, VO = High
l
40
60
85
μA
μA
ISC–
Output Sink Current (Note 2)
VOVERDRIVE > 30mV
l
510
mA
ISC+
Output Source Current
VOVERDRIVE = 5mV, VOUT = 1V
l
60
110
μA
VOL
Output Voltage Swing Low
(Referred to V)
ISINK = 0mA, VOVERDRIVE = –10mV
ISINK = 0.1mA
ISINK = 1mA
ISINK = 5mA
l
l
l
l
20
75
200
550
60
170
480
1200
mV
mV
mV
mV
VOH
Output Voltage Swing High
(Referred to V+)
ISOURCE = 0μA, VOVERDRIVE = –10mV
ISOURCE = 10μA
l
l
50
130
110
220
mV
mV
Leakage Current
VOUT = 40V, VOVERDRIVE > 100mV
l
1.7
5
μA
Propagation Delay
VOVERDRIVE > 100mV, RLOAD = 10k
6
9
μs


Similar Part No. - LT1716

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716CS5 LINER-LT1716CS5 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716HS5 LINER-LT1716HS5 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716IS5 LINER-LT1716IS5 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
More results

Similar Description - LT1716

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com