Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR2830C14 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DCR2830C14
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR2830C14 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DCR2830C14 Datasheet HTML 1Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 2Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 3Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 4Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 5Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 6Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 7Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 8Page - Dynex Semiconductor DCR2830C14 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SEMICONDUCTOR
DCR2830C18
4/9
www.dynexsemi.com
CURVES
VTM EQUATION
VTM = A + Bln (IT) + C.IT+D.IT
Where A = 0.8461895
B = -0.041135347
C = 0.0000348837
D = 0.01184
These values are valid for Tj = 125°C
Fig.2 Maximum &minimum on-state characteristics
i
τ
i (s)
Rthi (°C/kW)
1
1.82
7.12
2
0.346
3.26
3
0.085
1.27
4
0.012
0.85
Fig.3 Maximum (limit) transient thermal impedance
– junction to case (°C/W)
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.5
0.8
1.1
1.4
1.7
2
Instantaneous on-state voltage,VT - (V)
Tj=25°C
Tj=125°C
0
0.005
0.01
0.015
0.001
0.01
0.1
1
10
100
Time ( s )
Double side cooled
 
n
i
t
thi
thjc
i
e
R
t
R
1
1


Similar Part No. - DCR2830C14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR2830C14 DYNEX-DCR2830C14 Datasheet
694Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR2830C14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com