Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR2760M85 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DCR2760M85
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR2760M85 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button DCR2760M85 Datasheet HTML 2Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 3Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 4Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 5Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 6Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 7Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 8Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 9Page - Dynex Semiconductor DCR2760M85 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SEMICONDUCTOR
DCR2760M85
7/10
www.dynexsemi.com
Fig.10 Multi-cycle surge current
Fig.11 Single-cycle surge current
Fig.12 Stored charge
Fig.13 Reverse recovery current
1000
6000
11000
16000
21000
26000
31000
36000
41000
0
5
10
15
20
25
30
Rate of decay of on-state current, di/dt - (A/us)
QSmin = 5146.8*(di/dt)
0.5188
QSmax = 7950.1*(di/dt)
0.4626
Conditions :
Tj = 125
OC, V
Rpeak ~ 5100V
VRM ~ 3400V
snubber as appropriate to control
reverse voltage
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
Rate of decay of on-state current, di/dt - (A/us)
Conditions:
Tj = 125
OC, V
Rpeak ~ 5100V
VRM ~ 3400V
snubber as appropriate to
control reverse volts
IRRmax = 63.604*(di/dt)
0.7474
IRRmin = 51.42*(di/dt)
0.7839


Similar Part No. - DCR2760M85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR2760M85 DYNEX-DCR2760M85 Datasheet
481Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR2760M85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com