Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP51F Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP51F
Description  Protect It 230V Surge Protector with 5 French/Belgian Outlets, 1M Cord, 280 Joules,French plug, Diagnostic LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP51F Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP51F Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP51F Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Input Cord Length (ft.)
3
Input Cord Length (m)
0.91
Voltage Compatibility (VAC)
220-250
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LEDs
Protected
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
280
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Unit Dimensions (hwd / in.)
10.43 x 1.58 x 2
Unit Dimensions (hwd / cm)
26.49 x 4.01 x 5.08
Unit Weight (lbs.)
.87
Unit Weight (kg)
0.39
Housing Color
Light grey
Receptacle Color
Light grey
Color (AC Line Cord)
Light grey
Metal Case
No
SPECIAL FEATURES
Right-Angle Plug
Yes
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - TLP51F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP511GA TOSHIBA-TLP511GA Datasheet
209Kb / 3P
   gaas ired & photo-thyristor
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP512 TOSHIBA-TLP512 Datasheet
201Kb / 7P
   Digital Logic Ground Isolation
TLP512 TOSHIBA-TLP512_07 Datasheet
201Kb / 7P
   Digital Logic Ground Isolation
logo
Tripp Lite. All Rights ...
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
   Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
More results

Similar Description - TLP51F

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
   Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
   Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
TLP82MASF TRIPPLITE-TLP82MASF Datasheet
505Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 1140 Joules, Tel/Coax Protection
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
   Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
   Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
   Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
SPIKESTIK TRIPPLITE-SPIKESTIK Datasheet
169Kb / 3P
   Protect It! Surge Protector with 6 Right-Angle Outlets, 6 ft. (1.83 m) Cord, 540 Joules, Diagnostic LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com