Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN417 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN417
Description  From nickel-cadmium to nickel-hydride fast battery charger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN417 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN417 Datasheet HTML 5Page - STMicroelectronics AN417 Datasheet HTML 6Page - STMicroelectronics AN417 Datasheet HTML 7Page - STMicroelectronics AN417 Datasheet HTML 8Page - STMicroelectronics AN417 Datasheet HTML 9Page - STMicroelectronics AN417 Datasheet HTML 10Page - STMicroelectronics AN417 Datasheet HTML 11Page - STMicroelectronics AN417 Datasheet HTML 12Page - STMicroelectronics AN417 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN417
Principle of the inflexion method
Doc ID 2074 Rev 2
9/21
3
Principle of the inflexion method
Every 4 seconds, the analog to digital converter (ADC) of the ST6210 microcontroller
measures the battery voltage and temperature. If the temperature is above a predetermined
threshold (40 degrees Celsius for example), fast charge is terminated.
The battery voltage is actually measured several times in series, and an average of the
measurements is made, to reduce measurement errors due to high frequency noise (for
example generated by a switched mode charging current).
Further, a rolling average of the present and previous measurements is made, to remove
low frequency noise due to electrochemical battery voltage variations (see previous
description of this technique in References [1.]).
This averaged battery voltage data is used to extract a time derivative, by calculating the
difference between present voltage and the voltage n samples earlier. Because of the
voltage digitization, which is measured by the ADC of the MCU, the first derivative curve
features a typical discontinuous aspect (see Figure 5).
For this reason, the MCU calculates a digital smoothing of this discontinuous derivative. The
inflexion point is then identified by detecting the first highest summit encountered on the
smoothed derivative curve (point B in Figure 5).
When this summit is detected, fast charge is terminated.
Figure 5.
Inflexion point method
battery voltage
voltage derivative
smoothed derivative
charging time ->
B
battery voltage and derivative


Similar Part No. - AN417

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
   The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
   The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
AN4172 STMICROELECTRONICS-AN4172 Datasheet
604Kb / 16P
   IEEE802.3af class 3 PoE converter reference design
AN4173 STMICROELECTRONICS-AN4173 Datasheet
240Kb / 22P
   The aim of this document is to clarify the usage
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
   Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
More results

Similar Description - AN417

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN3085 CONSONANCE-CN3085 Datasheet
247Kb / 13P
   Nickel-Metal Hydride Battery Charger IC
logo
saftbatteries
505CH SAFT-505CH Datasheet
123Kb / 1P
   Nickel-Cadmium Aircraft Battery
405CH SAFT-405CH Datasheet
126Kb / 1P
   Nickel-Cadmium Aircraft Battery
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
saftbatteries
505CH2 SAFT-505CH2 Datasheet
176Kb / 1P
   Nickel-Cadmium Aircraft Battery
logo
Galaxy Power, Inc.
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
   Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
saftbatteries
539CH1 SAFT-539CH1 Datasheet
127Kb / 1P
   Nickel-Cadmium Aircraft Battery
2726CH1 SAFT-2726CH1 Datasheet
332Kb / 1P
   Nickel-Cadmium Aircraft Battery
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
   QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
   QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com