Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN901 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 2 Page - STMicroelectronics

  AN901 Datasheet HTML 1Page - STMicroelectronics AN901 Datasheet HTML 2Page - STMicroelectronics AN901 Datasheet HTML 3Page - STMicroelectronics AN901 Datasheet HTML 4Page - STMicroelectronics AN901 Datasheet HTML 5Page - STMicroelectronics AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
1 DEFINITION OF TERMS
Electromagnetic compatibility (EMC) is the capacity of a piece of equipment to work properly
in its normal environment, and not create electrical disturbances that would interfere with other
equipment.
Electromagnetic susceptibility (EMS) is the level of resistance to electrical disturbances such
as electromagnetic fields and conducted electrical noise.
Electromagnetic interference (EMI) is the level of conducted/radiated electrical noise created
by the equipment.
There exists several standards addressing EMS or EMI issues, and for every type of applica-
tion area. These standards apply to finished equipment. Up to now, there is no official
standard applicable to sub-systems or electronic components. Nevertheless, EMC tests must
be performed on the sub-systems in order to evaluate and optimize applications for EMC per-
formances.
1.1 EMC STANDARDS
Table 1. Electromagnetic Emissions
Table 2. Electromagnetic Susceptibility
STANDARD
EQUIVALENT
INTERNATIONAL STANDARD
DESCRIPTION
EN50081-1
Generic emissions standards - Residential
EN50081-2
Generic emissions standards - Industrial
EN55011
CISPR 11
For industrial, scientific and medical equipment
EN55013
CISPR 13
For broadcast receivers
EN 55014
CISPR 14
For household appliances/tools
EN 55022
CISPR 22
For data processing equipment
SAE 1752/3
American Measurements Procedure for susceptibility
STANDARD
EQUIVALENT
INTERNATIONAL STANDARD
DESCRIPTION
EN50082-1
Generic immunity standards - Residential
EN50082-2
Generic immunity standards - Industrial
EN50140
IEC 1000-4-3
(old nb: IEC 801-3)
RFI (radiated test)
(80 MHz - 1 GHz at 1 to 10 V/m)
EN50141
IEC 1000-4-6
(old nb: IEC 801-6)
Induced RF fields (conducted test)
(150 kHz - 80 MHz at 1 to 10V (80% AM, 1 kHz))
EN50142
IEC 1000-4-5
(old nb: IEC 801-5)
Surge
EN????
(TBD)
IEC 1000-4-4
(old nb: IEC 801-4)
EFT / Burst
(250V - 2kV I/O lines; 0.5 - 4kV AC/DC mains)
2


Similar Part No. - AN901

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
More results

Similar Description - AN901

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4145 FAIRCHILD-4145 Datasheet
518Kb / 8P
   Electromagnetic Compatibility for Power Converters
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
   Language Compatibility
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
   Electromagnetic Buzzer
logo
Fairchild Semiconductor
AN-5023 FAIRCHILD-AN-5023 Datasheet
202Kb / 3P
   LVDS Compatibility
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL_17 Datasheet
433Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
WST-1310S-3 SOBERTON-WST-1310S-3 Datasheet
261Kb / 5P
   Electromagnetic Buzzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com