Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTDG12GPLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LDTDG12GPLT1G
Description  Bias Resistor Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTDG12GPLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LDTDG12GPLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LDTDG12GPLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LDTDG12GPLT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
Q7
1
22
3000/Tape & Reel
LESHAN RADIO COMPANY, LTD.
1/3
10000/Tape & Reel
We declare that the material of product compliance with
RoHS requirements.
LDTDG12GPLT1G
LDTDG12GPLT1G
LDTDG12GPLT3G
Q7
1
22
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
3
COLLECTOR
2
EMITTER
1
BASE
Applications
Driver
Features
1) High hFE.
300 (Min.) (VCE / IC=2V / 0.5A)
2) Low saturation voltage,
(VCE(sat)=0.4V at IC / IB=500mA / 5mA)
3) Built-in zener diode gives strong protection against
reverse surge by L- load (an inductive load).
Structure
NPN epitaxial planar silicon transistor
(with built-in resistor and zener diode)
R
R
=10kΩ
R1
Parameter
VCBO
VCEO
PC
Tj
60
±10
V
V
A
°C
60
±10
VEBO
V
5
1
IC
W
ICP
2
0.5
2
∗1
∗2
150
Tstg
°C
−55 to +150
Symbol
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Collector current
Collector power dissipation
Junction temperature
Emitter-base voltage
Storage temperature
∗1 Pw10ms, Duty cycle1/2
∗2 When mounted on a 40
×40×0.7 mm ceramic board.
A
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
R
Min.
50
50
5
300
300
−−
7
80
10
70
70
0.5
580
0.4
13
VIC
=50µA
IC
=1mA
IE
=720µA
VCB
=40V
VEB
=4V
VCE
=2V, IC=500mA
IC/IB
=500mA/5mA
VCE
=5V, IE=−0.1A, f=30MHz
V
V
µA
µA
V
MHz
k
Typ.
Max.
Unit
Conditions
∗ Characteristics of built-in transistor
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Emitter-base resistance
1
2
3
SOT-23


Similar Part No. - LDTDG12GPLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTD113ELT1G LRC-LDTD113ELT1G Datasheet
378Kb / 3P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD113ELT1G LRC-LDTD113ELT1G_15 Datasheet
378Kb / 3P
   Bias Resistor Transistor
LDTD113ELT3G LRC-LDTD113ELT3G Datasheet
378Kb / 3P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD113ZLT1G LRC-LDTD113ZLT1G Datasheet
393Kb / 3P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
First Silicon Co., Ltd
LDTD113ZLT1G FS-LDTD113ZLT1G Datasheet
200Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - LDTDG12GPLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com