Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRX201U Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRX201U
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX201U Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRX201U Datasheet HTML 1Page - KEC(Korea Electronics) KRX201U Datasheet HTML 2Page - KEC(Korea Electronics) KRX201U Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 10. 4
3/3
KRX201U
Revision No : 4
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I - V
I(OFF)
O
I - V
I(OFF)
O
I - V
Q
V =0.2V
O
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
I(ON)
INPUT ON VOLTAGE V
(V)
I(OFF)
INPUT ON VOLTAGE V
(V)
I(OFF)
10k
5k
3k
1k
500
300
100
50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
30
0.6
O
V =5V
300
100
50
30
10
100
30
O
I
5
10
3
1
0.5
OUTPUT CURRENT I
(mA)
O
OUTPUT CURRENT I
(mA)
O
G - I
O
I
G - I
Ta=100 C
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
-0.1
-0.5
-0.3
-1
-10
-3
-5
-0.3
-100
-50
-30
-30
-1
-3
-10
I(ON)
-100
I - V
O
I(ON)
Ta=-25 C
Ta=25 C
100
25
-25
V =-0.2V
O
-1.0
-1k
-0.6
-50
-30
-100
-300
-500
-0.8
-10k
-5k
-3k
-1.8
-1.4
-1.2
-1.6
-2.0
-3
-1
5
10
30
50
100
300
-10
-30
-100
1
Q 1
1
Q
2
Q
2
Q
Q 2
O
V =-5V
V =5V
O
V =-5V
O
Ta=100 C
Ta=25 C
Ta=-25 C


Similar Part No. - KRX201U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRX201U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX102E KEC-KRX102E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105E KEC-KRX105E Datasheet
80Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202E KEC-KRX202E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205U KEC-KRX205U Datasheet
398Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102U KEC-KRX102U Datasheet
90Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX105U KEC-KRX105U Datasheet
438Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX205E KEC-KRX205E Datasheet
81Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX104E KEC-KRX104E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com