Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFM900NXM45-F000 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DFM900NXM45-F000
Description  Fast Recovery Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM900NXM45-F000 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DFM900NXM45-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DFM900NXM45-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DFM900NXM45-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DFM900NXM45-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DFM900NXM45-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DFM900NXM45-F000_15 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DFM900NXM45-F000
3/6
www.dynexsemi.com
STATIC ELECTRICAL CHARACTERISTICS
– PER ARM
Tcase = 25°C unless stated otherwise.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IRM
Peak reverse current
VR = 4500V, Tj = 125°C
90
mA
VF
Forward voltage
IF = 900A
3.0
V
IF = 900A, Tj = 125°C
3.1
V
LM
Inductance
-
30
nH
DYNAMIC ELECTRICAL CHARACTERISTICS
– PER ARM
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Qrr
Reverse recovery charge
IF = 900A
VR =2250V
dIF/dt = 4500A/μs
700
μC
Irr
Peak reverse recovery current
1000
A
Erec
Reverse recovery energy
900
mJ
Tcase = 125°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Qrr
Reverse recovery charge
IF = 900A
VR = 2250V
dIF/dt = 4500A/μs
1300
μC
Irr
Peak reverse recovery current
1200
A
Erec
Reverse recovery energy
1600
mJ


Similar Part No. - DFM900NXM45-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM900NXM45-F000 DYNEX-DFM900NXM45-F000 Datasheet
253Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM900NXM45-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com