Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5KA942M5D4MYB Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # F5KA942M5D4MYB
Description  SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F5KA942M5D4MYB Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  F5KA942M5D4MYB Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F5KA942M5D4MYB Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F5KA942M5D4MYB Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F5KA942M5D4MYB Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F5KA942M5D4MYB Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F5KA942M5D4MYB Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F5KA942M5D4MYB Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Customer Name
Standard specification
System
Band8 Rx (50/50ohm Unbalance)
DATE
Jan. 25, 2012
Part Number
F5KA942M5D4MYB
Version 1.0b
Final
Pb-free
Pb
* Pb Free Part
MSL1
Dimension
Device size: 1.4mmtyp. x 1.0mmtyp. x 0.5max.
Pin Configuration
Pin No.
Symbol
Function
1
IN
Unbalanced pin
2
GND
Ground
3
GND
Ground
4
OUT
Unbalanced pin
5
GND
Ground
Evaluation Circuit
Unbalanced
Input
(50ohm)
Unbalanced
Output
(50ohm)
GND
4
2,3,
5
1 ~ 5 : Pin No.
1
Unbalanced
Input
(50ohm)
Unbalanced
Output
(50ohm)
GND
4
2,3,
5
1 ~ 5 : Pin No.
1
index
Unit: mm


Similar Part No. - F5KA942M5D4MYB

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F5KA707M5D4JW TAIYO-YUDEN-F5KA707M5D4JW Datasheet
430Kb / 7P
   SAW Filter
F5KA822M5D4VR TAIYO-YUDEN-F5KA822M5D4VR Datasheet
213Kb / 7P
   SAW Filter
F5KA832M0D4JS TAIYO-YUDEN-F5KA832M0D4JS Datasheet
310Kb / 7P
   SAW Filter
F5KA833M0D4DU TAIYO-YUDEN-F5KA833M0D4DU Datasheet
422Kb / 7P
   SAW Filter
F5KA833M0D4MG TAIYO-YUDEN-F5KA833M0D4MG Datasheet
370Kb / 7P
   SAW Filter
More results

Similar Description - F5KA942M5D4MYB

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com