Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGT304RE Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DGT304RE
Description  Reverse Blocking Gate Turn-off Thyristor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DGT304RE Datasheet(HTML) 1 Page - Dynex Semiconductor

  DGT304RE_15 Datasheet HTML 1Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 2Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 3Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 4Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 5Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 6Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 7Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 8Page - Dynex Semiconductor DGT304RE_15 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DGT304RE
1/14
www.dynexsemi.com
DS5518-
4 July 2014 (LN31738)
FEATURES
I
Reverse Blocking Capability
I
Double Side Cooling
I
High Reliability In Service
I
High Voltage Capability
I
Fault Protection Without Fuses
I
High Surge Current Capability
I
Turn-off Capability Allows Reduction In Equipment
Size And Weight. Low Noise Emission Reduces
Acoustic Cladding Necessary For Environmental
Requirements
APPLICATIONS
I
Variable speed A.C. motor drive inverters (VSD-AC)
I
Uninterruptable Power Supplies
I
High Voltage Converters
I
Choppers
I
Welding
I
Induction Heating
I
DC/DC Converters
KEY PARAMETERS
I
TCM
700A
V
DRM
/V
RRM
1300V
I
T(AV)
250A
dV
D
/dt
500V/
µs
di
T
/dt
500A/
µs
VOLTAGE RATINGS
1300
DGT304RE13
Conditions
Type Number
T
vj = 125
oC, I
DM = 50mA,
I
RRM = 50mA, VRG = 2V
Repetitive Peak Reverse Voltage
V
RRM
V
1300
DGT304RE
Reverse Blocking Gate Turn-off Thyristor
Fig. 1 Package outline
Outline type code: E
(See Package Details for further information)
Repetitive Peak Off-state
Voltage
V
DRM
V
CURRENT RATINGS
Symbol
Parameter
Conditions
Max.
I
TCM
T
HS = 80
oC. Double side cooled. Half sine 50Hz.
V
D = 60%VDRM, Tj = 125
oC, di
GQ/dt =15A/µs, Cs = 2.0µF
RMS on-state current
A
A
A
700
250
390
Units
Repetitive peak controllable on-state current
T
HS = 80
oC. Double side cooled. Half sine 50Hz.
I
T(RMS)
I
T(AV)
Mean on-state current


Similar Part No. - DGT304RE_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT304RE13 DYNEX-DGT304RE13 Datasheet
462Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE13 DYNEX-DGT304RE13 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_04 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
More results

Similar Description - DGT304RE_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE Datasheet
462Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE Datasheet
309Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_04 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT409BCA DYNEX-DGT409BCA_07 Datasheet
145Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE_15 Datasheet
368Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com