Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1344 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1344
Description  Software-Selectable Cable Terminator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344 Datasheet(HTML) 5 Page - Linear Technology

  LTC1344 Datasheet HTML 1Page - Linear Technology LTC1344 Datasheet HTML 2Page - Linear Technology LTC1344 Datasheet HTML 3Page - Linear Technology LTC1344 Datasheet HTML 4Page - Linear Technology LTC1344 Datasheet HTML 5Page - Linear Technology LTC1344 Datasheet HTML 6Page - Linear Technology LTC1344 Datasheet HTML 7Page - Linear Technology LTC1344 Datasheet HTML 8Page - Linear Technology LTC1344 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1344
LTC1344
MODE NAME
DCE/DTE
M2
M1
M0
R1
R2
R3
R4
R5
R6
V.10/RS423
X
000ZZZZZZ
RS530A
0
001ZZZ
V.11
V.11
V.11
1
001ZZZZ
V.11
V.11
Reserved
0
010ZZZ
V.11
V.11
V.11
1
0
1
0
V.11
V.11
V.11
Z
Z
Z
X.21
0
011ZZZ
V.11
V.11
V.11
1
011ZZZZ
V.11
V.11
V.35
0
1
0
0
V.35
V.35
Z
V.35
V.35
V.35
1
1
0
0
V.35
V.35
V.35
Z
V.35
V.35
RS530/RS449/V.36
0
101ZZZ
V.11
V.11
V.11
1
101ZZZZ
V.11
V.11
V.28/RS232
X
110ZZZZZZ
No Cable
X
1
1
1
V.11
V.11
V.11
V.11
V.11
V.11
X = don’t care, 0 = logic low, 1 = logic high
ODE SELECTIO
R1
51.5
R2
51.5
R3
124
S2
OFF
S1
ON
C
V.11 Mode
V.35 Mode
Hi-Z Mode
A
B
R1
51.5
R2
51.5
R3
124
S2
ON
S1
ON
C
A
B
R1
51.5
R2
51.5
1344 F03
R3
124
C
A
B
S2
OFF
S1
OFF
Figure 3. LTC1344 Modes


Similar Part No. - LTC1344

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1344 LINER-LTC1344 Datasheet
252Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A Datasheet
202Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A Datasheet
152Kb / 12P
   Software-Selectable Cable Terminator
LTC1344AC LINER-LTC1344AC Datasheet
202Kb / 12P
   Software-Selectable Cable Terminator
LTC1344ACG LINER-LTC1344ACG Datasheet
202Kb / 12P
   Software-Selectable Cable Terminator
More results

Similar Description - LTC1344

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1344 LINER-LTC1344 Datasheet
252Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A Datasheet
202Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A_15 Datasheet
152Kb / 12P
   Software-Selectable Cable Terminator
logo
Maxim Integrated Produc...
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX13174E MAXIM-MAX13174E Datasheet
597Kb / 13P
   5V Multiprotocol, Pin-Selectable Cable Terminator
Rev 0; 7/09
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com