Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1346A Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1346A
Description  10Mbps DCE/DTE V.35 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346A Datasheet(HTML) 5 Page - Linear Technology

  LTC1346A Datasheet HTML 1Page - Linear Technology LTC1346A Datasheet HTML 2Page - Linear Technology LTC1346A Datasheet HTML 3Page - Linear Technology LTC1346A Datasheet HTML 4Page - Linear Technology LTC1346A Datasheet HTML 5Page - Linear Technology LTC1346A Datasheet HTML 6Page - Linear Technology LTC1346A Datasheet HTML 7Page - Linear Technology LTC1346A Datasheet HTML 8Page - Linear Technology LTC1346A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1346A
1346afa
FU CTIO
TABLES
Transmitter and Receiver Configuration
S0
S1
S2
DX ON
RX ON
Description
00
0
1, 2, 3
All RX ON, All DX OFF
10
0—
—All OFF, Shutdown
01
0
1, 2, 3
1, 2
DCE Mode
11
0
1, 2, 3
DCE Mode, All RX OFF
00
1
1, 2
1, 2, 3
DTE Mode
10
1
1, 2
DTE Mode, All RX OFF
01
1
1, 2, 3
1, 2, 3
All ON
11
1
1, 2, 3
All DX ON, All RX OFF
Transmitter
INPUTS
OUTPUTS
CONFIGURATION S0 S1 S2
T Y1 AND Y2 Z1 AND Z2 Y3 Z3
All OFF
0
0
0
X
Z
Z
Z
Z
Shutdown
1
0
0
X
Z
Z
Z
Z
DCE or All ON
X
1
X
0
0
1
0
1
DCE or All ON
X
1
X
1
1
0
1
0
DTE
X
0
1
0
01
Z
Z
DTE
X
0
1
1
10
Z
Z
Receiver
INPUTS
OUTPUTS
CONFIGURATION
S0 S1 S2
A – B
R1 AND R2
R3
All Rx ON
0
0
0
≤ –0.2V
0
0
All Rx ON
0
0
0
≥ 0.2V
1
1
Shutdown
1
0
0
X
Z
Z
DCE
0
1
0
≤ –0.2V
0
Z
DCE
0
1
0
≥ 0.2V
1
Z
Disabled
1
1
0
X
Z
Z
DTE or All ON
0
X
1
≤ –0.2V
0
0
DTE or All ON
0
X
1
≥0.2V
1
1
Disabled
1
X
1
X
Z
Z
TEST CIRCUITS
CL
1k
LTC1346A • F02
SW1
SW2
VCC
RECEIVER
OUTPUT
Figure 2. Receiver Output Enable and Disable Timing Test Load
15pF
S0
R
50Ω
125Ω
Y
Z
Z
Y
T
125Ω
50Ω
50Ω
LTC1346A • F01
50Ω
A
B
VOD
VOS
VOC = (VY + VZ)/2
Figure 1. V.35 Transmitter/Receiver Test Circuit


Similar Part No. - LTC1346A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AC LINER-LTC1346AC Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346ACSW LINER-LTC1346ACSW Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AI LINER-LTC1346AI Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346AISW LINER-LTC1346AISW Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
More results

Similar Description - LTC1346A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
   Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Linear Technology
LTC1318 LINER-LTC1318_15 Datasheet
281Kb / 8P
   DCE Transceiver
logo
Sipex Corporation
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
   Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com