Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1484 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1484
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1484_15 Datasheet HTML 3Page - Linear Technology LTC1484_15 Datasheet HTML 4Page - Linear Technology LTC1484_15 Datasheet HTML 5Page - Linear Technology LTC1484_15 Datasheet HTML 6Page - Linear Technology LTC1484_15 Datasheet HTML 7Page - Linear Technology LTC1484_15 Datasheet HTML 8Page - Linear Technology LTC1484_15 Datasheet HTML 9Page - Linear Technology LTC1484_15 Datasheet HTML 10Page - Linear Technology LTC1484_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1484
TYPICAL PERFOR A CE CHARACTERISTICS
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Common Mode Output
Voltage vs Temperature
Driver Common Mode Output
Voltage vs Temperature
Driver Common Mode Output
Voltage vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Temperature
Driver Differential Output Voltage
vs Output Current
TEMPERATURE (
°C)
–55
1484 G22
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD, VCC = 4.5V TO 5.25V
RL = 44Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G23
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD, VCC = 4.5V TO 5.25V
RL = 54Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G24
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD, VCC = 4.5V TO 5.25V
RL = 100Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G25
3.0
2.5
2.0
1.5
1.0
0.5
0
∆VOC, VCC = 4.5V TO 5.25V
RL = 44Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G26
3.0
2.5
2.0
1.5
1.0
0.5
0
∆VOC, VCC = 4.5V TO 5.25V
RL = 54Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G27
3.0
2.5
2.0
1.5
1.0
0.5
0
∆VOC, VCC = 4.5V TO 5.25V
RL = 100Ω
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G28
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD3 FOR VCC = 4.5V TO 5.25V
SEE FIGURE 2
VCM = –7V
VOD3
DI HIGH
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G29
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
∆VOD3 FOR VCC = 4.5V TO 5.25V
VCM = 12V
VOD3
DI HIGH
SEE FIGURE 2
VCC = 5V
VCC = 4.5V
VCC = 4.75V
VCC = 5.25V
–35 –15
5
25
45
65
85 105 125
OUTPUT CURRENT (mA)
0
10 20 30 40 50 60 70 80 90 100
1484 G30
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 5V
TA = 25°C


Similar Part No. - LTC1484_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1484C LINER-LTC1484C Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484CMS8 LINER-LTC1484CMS8 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484CN8 LINER-LTC1484CN8 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484CS8 LINER-LTC1484CS8 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1484I LINER-LTC1484I Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
More results

Similar Description - LTC1484_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1482 LINER-LTC1482 Datasheet
262Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1482 LINER-LTC1482_15 Datasheet
223Kb / 16P
   Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
   ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
logo
Linear Technology
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
logo
AMAZING Microelectronic...
AZRS3078 AMAZING-AZRS3078 Datasheet
409Kb / 9P
   ESD-Protected, High Speed, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com