Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM250PHM33-TS000 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DIM250PHM33-TS000
Description  Half Bridge IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM250PHM33-TS000 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DIM250PHM33-TS000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM250PHM33-TS000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM250PHM33-TS000
2/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
3300
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 110°C
250
A
IC(PK)
Peak collector current
1ms, Tcase = 140°C
500
A
Pmax
Max. transistor power dissipation
Tcase = 25°C, Tj = 150°C
2.6
kW
I
2t
Diode I
2t value
VR = 0, tp = 10ms, Tj = 125ºC
20
kA
2s
Visol
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
6000
V
QPD
Partial discharge
– per module
IEC1287, V1 = 3500V, V2 = 2600V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
33mm
Clearance:
20mm
CTI (Comparative Tracking Index):
>600
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance
– transistor
Continuous dissipation -
junction to case
-
-
48
°C/kW
Rth(j-c)
Thermal resistance
– Diode
Continuous dissipation -
junction to case
-
-
96
°C/kW
Rth(c-h)
Thermal resistance
case to heatsink (per module)
Mounting torque 5Nm
(with mounting grease)
-
-
16
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
150
°C
Tstg
Storage temperature range
-
-40
-
125
°C
Screw torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M5
-
-
4
Nm


Similar Part No. - DIM250PHM33-TS000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
More results

Similar Description - DIM250PHM33-TS000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000_15 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com