Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM400DCM17-A000 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DIM400DCM17-A000
Description  IGBT Chopper Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400DCM17-A000 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DIM400DCM17-A000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM400DCM17-A000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM400DCM17-A000
2/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
1700
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 75°C
400
A
IC(PK)
Peak collector current
1ms, Tcase = 110°C
800
A
Pmax
Max. transistor power dissipation
Tcase = 25°C, Tj = 150°C
3470
W
I
2t
Diode I
2t value (IGBT arm)
VR = 0, tp = 10ms, Tj = 125ºC
30
kA
2s
Diode I
2t value (Diode arm)
120
kA
2s
Visol
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
4000
V
QPD
Partial discharge
– per module
IEC1287, V1 = 1800V, V2 = 1300V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
20mm
Clearance:
10mm
CTI (Comparative Tracking Index):
350
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance
– transistor (per arm)
Continuous dissipation
junction to case
-
-
36
°C/kW
Rth(j-c)
Thermal resistance
– diode (IGBT arm)
Continuous dissipation
junction to case
-
-
80
°C/kW
Thermal resistance
– diode (Diode arm)
40
°C/kW
Rth(c-h)
Thermal resistance
– case to heatsink
(per module)
Mounting torque 5Nm
(with mounting grease)
-
-
8
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
125
°C
Tstg
Storage temperature range
-
-40
-
125
°C
Screw torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M4
-
-
2
Nm
Electrical connections
– M8
-
-
10
Nm


Similar Part No. - DIM400DCM17-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM400DCM17-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com