Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM400PHM17-A000 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DIM400PHM17-A000
Description  IGBT Half Bridge Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400PHM17-A000 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DIM400PHM17-A000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM400PHM17-A000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM400PHM17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Nominal Weight: 500g
Module Outline Type Code:
P
Fig. 11 Module outline drawing


Similar Part No. - DIM400PHM17-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000 Datasheet
420Kb / 9P
   Half Bridge IGBT Module
More results

Similar Description - DIM400PHM17-A000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TL000 DYNEX-DIM250PHM33-TL000_15 Datasheet
360Kb / 8P
   Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com