Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1504A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1504A
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504A Datasheet(HTML) 1 Page - Linear Technology

  LTC1504A_15 Datasheet HTML 1Page - Linear Technology LTC1504A_15 Datasheet HTML 2Page - Linear Technology LTC1504A_15 Datasheet HTML 3Page - Linear Technology LTC1504A_15 Datasheet HTML 4Page - Linear Technology LTC1504A_15 Datasheet HTML 5Page - Linear Technology LTC1504A_15 Datasheet HTML 6Page - Linear Technology LTC1504A_15 Datasheet HTML 7Page - Linear Technology LTC1504A_15 Datasheet HTML 8Page - Linear Technology LTC1504A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1504A
500mA Low Voltage
Step-Down Synchronous
Switching Regulator
Daisy-Chained Control Outputs
FEATURES
The LTC
®1504A is a self-contained, high efficiency syn-
chronous buck switching regulator. It includes a pair of
on-chip 1.3
Ω power switches, enabling it to supply up to
500mA of load current. Efficiency peaks at 92%, minimiz-
ing heat and wasted power. The synchronous buck archi-
tecture allows the output to source or sink current as
required to keep the output voltage in regulation. 100%
duty cycle operation minimizes dropout voltage.
The LTC1504A is available in adjustable and fixed 3.3V
output versions. An adjustable current limit circuit pro-
vides protection from overloads. The internal 1% refer-
ence combined with a sophisticated voltage feedback loop
provides optimum output voltage accuracy and fast load
transient response. The LTC1504A is specified to operate
with input voltages between 4V and 10V. Contact the LTC
factory for guaranteed specifications at 2.7V supply.
The LTC1504A is a pin-compatible, functional upgrade to
the LTC1504.
The LTC1504A is available in a plastic SO-8 package.
DESCRIPTION
s
500mA Output Current at 3.3V Output
s
Up to 92% Peak Efficiency
s
100% Maximum Duty Cycle
s
Internal Reference Trimmed to 1%
s
Output Can Source or Sink Current
s
Requires as Few as Four External Components
s
Input Voltage Range: 4V to 10V
s
Adjustable Current Limit
s
Small SO-8 Package
s
200kHz Switching Frequency Can Typically be
Synchronized Up to 500kHz
Minimum Part Count 5V to 3.3V Regulator
5V to 3.3V Efficiency
LOAD CURRENT (mA)
10
100
90
80
70
60
50
40
30
20
10
0
100
500
1504 • TA02
IMAX
SHDN
SS
COMP
VCC
GND
SW
SENSE
+
5V
SHUTDOWN
NC
NC
1000pF
+
3.3V AT 500mA
LEXT
50
µH
CIN: AVX TPSC226M016R0375
COUT: AVX TAJC476M010
LEXT: COILTRONICS CTX50-1P
1504A • TA01
LTC1504A-3.3
CIN
22
µF
COUT
47
µF
APPLICATIONS
s
Small Portable Digital Systems
s
Active Termination
s
Auxiliary Output Voltage Supplies
s
Minimum Part Count/Size Switchers
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1504A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504AC LINER-LTC1504AC Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504ACS8 LINER-LTC1504ACS8 Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504ACS8 LINER-LTC1504ACS8 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1504ACS8-3.3 LINER-LTC1504ACS8-3.3 Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504ACS8-3.3 LINER-LTC1504ACS8-3.3 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
More results

Similar Description - LTC1504A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504_15 Datasheet
261Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504IS8 LINER-LTC1504IS8 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Monolithic Power System...
MP38115 MPS-MP38115 Datasheet
273Kb / 10P
   Ultra Low Voltage, 4A, 5.5V Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com