Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1531 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1531
Description  Self-Powered Isolated Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531 Datasheet(HTML) 2 Page - Linear Technology

  LTC1531_15 Datasheet HTML 1Page - Linear Technology LTC1531_15 Datasheet HTML 2Page - Linear Technology LTC1531_15 Datasheet HTML 3Page - Linear Technology LTC1531_15 Datasheet HTML 4Page - Linear Technology LTC1531_15 Datasheet HTML 5Page - Linear Technology LTC1531_15 Datasheet HTML 6Page - Linear Technology LTC1531_15 Datasheet HTML 7Page - Linear Technology LTC1531_15 Datasheet HTML 8Page - Linear Technology LTC1531_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1531
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1531CSW
1
2
3
4
11
12
13
14
28
27
26
25
18
17
16
15
VCC
SHDN
ZCNEG
ZCPOS
VPW
CMPOUT
VREG
ISOGND
GND
ZCDATA
DATA
VALID
V1
V2
V3
V4
SW PACKAGE
28-LEAD PLASTIC SO (ISO)
TOP VIEW
TJMAX = 125°C, θJA = 125°C/ W
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVCC
Supply Current
SHDN = VCC, No Load
10
14
mA
SHDN = 0V
0.2
10
μA
VZCOS
Zero-Cross Offset
VCM = VCC
±30
±120
mV
VHYS
Zero-Cross Hysteresis
VCM = VCC (Note 7)
200
800
mV
fSAMPLE
Isolated Comparator Sample Rate
VREG Not Loaded (Note 2)
300
Hz
VOS
Isolated Comparator Offset
V1 = V2, V3 = V4
2.0
4.0
mV
V1 – V3 = 2V, V4 – V2 = 2V
2.0
4.0
mV
RVIN
Isolated Comparator
V1 = V3 = 2.5V, V2 = V4 = 0V
18
M
Ω
Input Impedance
V1 = V2 = 1.25V, V3 = V4 = 0V
300
M
Ω
IVIN
Isolated Comparator Input Current
V1 = V3 – 2.5V, V2 = V4 = 0V
±1nA
fSAMPLE = 700Hz (Note 4)
VREG
VREG
2mA Load VPW = 3.3V (Note 5)
2.40
2.50
2.55
V
RVREG
VREG Output Impedance
2mA to 5mA Load
415
Ω
ICMPOUT
CMPOUT High Impedance Leakage Current
VCMPOUT = 2.5V
1
nA
tVREG
VREG On-Time
90
108
130
μs
VPWH
VPW, Power Detect Enable Voltage
3.3
V
IVPW
Current Transfer to VPW
VPW = 0V
45
μA
VPW = 3.3V
30
μA
VISO
Isolation Voltage
1 Minute (Note 6)
2500
VRMS
1 Second
4500
VDC
Total Supply Voltage (VCC to GND) ............................ 7V
Input Voltages
Isolated Comparator
(V1 to V4) .............................. – 0.3V to (VPW + 0.3V)
SHDN, ZCPOS, ZCNEG ......................... – 0.3V to 12V
Current
Input Pins .......................................................
±10mA
ZCDATA, VALID, DATA ..................................
±10mA
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C, VCC = 5V.


Similar Part No. - LTC1531_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1531CSW LINER-LTC1531CSW Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
More results

Similar Description - LTC1531_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
   Self-powered Total Counter
logo
Maxim Integrated Produc...
MAX22530 MAXIM-MAX22530 Datasheet
939Kb / 36P
   Field-Side Self-Powered, 4-Channel, 12-bit, Isolated ADC
Rev 0; 3/21
logo
List of Unclassifed Man...
H7ET ETC-H7ET Datasheet
449Kb / 7P
   Self-powered Time Counter
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
Burr-Brown (TI)
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Allegro MicroSystems
AHV85110 ALLEGRO-AHV85110 Datasheet
438Kb / 3P
   Self-Powered Single-Channel Isolated GaNFET Driver with Power-Thru Integrated Isolated Bias Supply
August 30, 2022
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
   FOR USB SELF-POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com