Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1564 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1564_15 Datasheet HTML 4Page - Linear Technology LTC1564_15 Datasheet HTML 5Page - Linear Technology LTC1564_15 Datasheet HTML 6Page - Linear Technology LTC1564_15 Datasheet HTML 7Page - Linear Technology LTC1564_15 Datasheet HTML 8Page - Linear Technology LTC1564_15 Datasheet HTML 9Page - Linear Technology LTC1564_15 Datasheet HTML 10Page - Linear Technology LTC1564_15 Datasheet HTML 11Page - Linear Technology LTC1564_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1564
1564fa
TYPICAL APPLICATIO S
16-Bit Output, Sampling Rate to 500ksps, Analog Bandwidth to 150kHz, Gain to 24dB.
(For More Information, See
Linear Technology Magazine, May 2001)
2-Chip Flexible DSP Front End with Amplification,
Antialias Filtering and A/D Conversion
Boosting a 100mVRMS Input Signal to Nearly Fill the Input Range of the LTC1608 ADC. Input Frequency of 40kHz,
LTC1608 fSAMPLE = 204.8ksps, LTC1564 is Set for fC = 50kHz and Gain of 16 (F = 0101, G = 1111). Measured THD
is 86dB, HD2 = – 88dB, SNR = 85dB with 100mVRMS Input. Dynamic Range of Approximately 115dB
4096-Point FFT Spectrum
with Low Level Input
FREQUENCY (kHz)
0
–60
–40
0
76.8
1564 TA04
–80
–100
25.6
51.2
102.4
–120
–140
–20
2.2
µF
1
µF
1
µF
10
22
µF
4
6
DIFFERENTIAL
ANALOG INPUT
±2.5V
REFCOMP
CONTROL
LOGIC
AND
TIMING
B15 TO B0
16-BIT
SAMPLING
ADC
+
1
µF
5V OR
3V
µP
CONTROL
LINES
D15 TO D0
OUTPUT
BUFFERS
16-BIT
PARALLEL
BUS
11 TO 26
OGND
OVDD
28
1564 TA03
29
1
2
AIN
+
AIN
SHDN
CS
CONVST
RD
BUSY
33
32
31
30
27
7.5k
LTC1608
3
36
35
10
9
5V
5V
AVDD
AVDD
DVDD
DGND
VREF
8
AGND
AGND
7
AGND
5
AGND
34
–5V
VSS
1
µF
2.5V
REF
1
µF
1.75X
+
V+ EN V
OUT
AGND
IN
16
CS/
HOLD RST
F
4
5 6 7 8
9 10 11 12
15
1
2
3
14
13
G
LTC1564
5V
–5V
0.1
µF
0.1
µF
249
1% METAL FILM
249
1% METAL FILM
C1*
FILTER CONTROL
ANTIALIAS FILTER/AMP
ADC
AV
fC
INPUT
+
*C1 IS A 1000pF NPO, SURFACE MOUNT DEVICE
PLACE AS CLOSE AS POSSIBLE TO THE LTC1608 INPUT PINS
AV
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1564_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564CG LINER-LTC1564CG Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
LTC1564IG LINER-LTC1564IG Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
More results

Similar Description - LTC1564_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564 LINER-LTC1564 Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Faraday Technology
FL872 FARADAY-FL872 Datasheet
81Kb / 2P
   ANTIALIASING FILTER
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Analog Devices
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
   LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
   Sensor Circuits and Digitally Controlled Potentiometers
logo
Faraday Technology
GFG1350F FARADAY-GFG1350F Datasheet
122Kb / 2P
   ANTIALIASING FILTERS
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
logo
Intersil Corporation
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com