Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1564 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 3 Page - Linear Technology

  LTC1564_15 Datasheet HTML 1Page - Linear Technology LTC1564_15 Datasheet HTML 2Page - Linear Technology LTC1564_15 Datasheet HTML 3Page - Linear Technology LTC1564_15 Datasheet HTML 4Page - Linear Technology LTC1564_15 Datasheet HTML 5Page - Linear Technology LTC1564_15 Datasheet HTML 6Page - Linear Technology LTC1564_15 Datasheet HTML 7Page - Linear Technology LTC1564_15 Datasheet HTML 8Page - Linear Technology LTC1564_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1564
1564fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Impedance
Gain = 1, DC VIN = 0V
10
k
Gain = 16, DC VIN = 0V
625
Output Impedance
fC = 10kHz, f = 10kHz
30
Mute State (F = 0000) Gain
F = 0000, fIN = 20kHz, VIN = 1VRMS
–103
dB
Mute State Output Noise
F = 0000, BW = 200kHz
5.4
µVRMS
Shutdown Supply Current
VS = ±1.35V, EN to V+
45
75
µA
VS = ±1.35V, EN to V
+
150
µA
VS = ±2.375V, EN to V
+
100
150
µA
VS = ±2.375V, EN to V+
180
µA
VS = ±5V, EN to V+ (Note 4)
175
µA
Digital Input “High” Voltage
VS = ±1.35V
1.08
V
VS = ±2.375V
1.90
V
VS = ±5V
4.50
V
Digital Input “Low” Voltage
VS = ±1.35V
–1.08
V
VS = ±2.375V
–1.90
V
VS = ±5V
0.50
V
Digital Input Pull-Up or Pull-Down Current (Note 5)
VS = ±1.35V
3.5
6
µA
(Digital Inputs Other than EN)
VS = ±5V
13
20
µA
Digital Input Pull-Up Current (EN Input)
VS = ±1.35V
12
µA
VS = ±5V
10
20
µA
The
denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±2.375V, fC = 10kHz, gain = 1, RL = 10k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Response is tested in production at discrete frequencies fIN of 0.1,
0.5, 0.8 and 0.9 times fC.
Note 3: Relative to gain at 0.1fC.
Note 4: All digital inputs driven rail-to-rail. When driving digital inputs with
0V and 5V levels, the shutdown current will increase to 3.5mA (typ).
Note 5: Each digital input includes a small positive or negative current
source to float the CMOS input to V+ or Vpotential if it is unconnected.
The table shows the current due to this source when the input is driven at
the supply voltage opposite from the float potential. Pins CS/HOLD, F3, F2,
F0 and G3 to G0 float to the Vvoltage, pins RST, EN and F1 to the V+
voltage. See “Floatable Digital Inputs” in Applications Information section.
TYPICAL PERFOR A CE CHARACTERISTICS
Overall Frequency Response
(Frequency Scales Normalized to fC)
fIN/fC
–130
–70
–90
–110
10
0
–10
–30
–50
–80
–100
–120
–20
–40
–60
1564 G01
0.1
10
1
fC = 10kHz
fC = 150kHz
fC = 50kHz
VS = SINGLE 5V
UNITY GAIN
(G CODE 0000)
FREQUENCY (kHz)
5
–10
–5
0
5
6.25
7.5
8.75
10
1564 G02
11.25
12.5
–40
°C, 25°C, 85°C
fC = 10kHz
SINGLE 5V SUPPLY
FREQUENCY (kHz)
50
–10
–5
0
85
°C
5
62.5
75
87.5
100
1564 G03
112.5
125
fC = 100kHz
SINGLE 5V SUPPLY
–40
°C
25
°C
Roll-Offs Over Temperature
(fC = 10kHz)
Roll-Offs Over Temperature
(fC = 100kHz)


Similar Part No. - LTC1564_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564CG LINER-LTC1564CG Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
LTC1564IG LINER-LTC1564IG Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
More results

Similar Description - LTC1564_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564 LINER-LTC1564 Datasheet
227Kb / 12P
   10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Faraday Technology
FL872 FARADAY-FL872 Datasheet
81Kb / 2P
   ANTIALIASING FILTER
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Analog Devices
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
   LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
   Sensor Circuits and Digitally Controlled Potentiometers
logo
Faraday Technology
GFG1350F FARADAY-GFG1350F Datasheet
122Kb / 2P
   ANTIALIASING FILTERS
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
logo
Intersil Corporation
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com