Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1643AL Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1643AL
Description  PCI-Bus Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643AL Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1643AL_15 Datasheet HTML 5Page - Linear Technology LTC1643AL_15 Datasheet HTML 6Page - Linear Technology LTC1643AL_15 Datasheet HTML 7Page - Linear Technology LTC1643AL_15 Datasheet HTML 8Page - Linear Technology LTC1643AL_15 Datasheet HTML 9Page - Linear Technology LTC1643AL_15 Datasheet HTML 10Page - Linear Technology LTC1643AL_15 Datasheet HTML 11Page - Linear Technology LTC1643AL_15 Datasheet HTML 12Page - Linear Technology LTC1643AL_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afb
LTC1643A FEATURE SUMMARY
1. Allows safe board insertion and removal from either a
motherboard (LTC1643AH) or CompactPCI board
(LTC1643AL/LTC1643AL-1).
2. Controls all four PCI supplies: –12V, 12V, 3.3V and 5V.
3. Programmable foldback current limit: a programmable
analog current limit with a value that depends on the
output voltage. If the output is shorted to ground, the
current limit drops to keep power dissipation and
supply glitches to a minimum.
4. Programmable circuit breaker: if a supply remains in
current limit too long, the circuit breaker will trip, the
supplies will be turned off and the FAULT pin pulled low.
5. Current limit power-up: the supplies are allowed to
power up in current limit. Allows the chip to power up
boards with widely varying capacitive loads without
tripping the circuit breaker. The maximum allowable
power-up time is programmable using the TIMER pin.
6. –12V and 12V power switches on chip.
7. Power good output: monitors the voltage status of the
four supply voltages, except the LTC1643AL-1 which
only monitors 3VOUT and 5VOUT.
8. Space saving 16-pin SSOP package.
PCI Power Requirements
PCI systems usually require four power rails: 5V, 3.3V,
12V and –12V. Systems implementing the 3.3V signaling
environment are usually required to provide all four rails in
every system. Systems implementing the 5V signaling
environment may either ship the 3.3V supply with the
system or provide a means to add it afterward. The
tolerance of the supplies as measured at the components
on the plug-in card is summarized in Table 1.
APPLICATIONS INFORMATION
Some
±12V supplies in CompactPCI applications are not
well regulated and can violate the tolerance specification.
For these applications, the LTC1643AL-1 should be used
because the PWRGD signal does not depend on
±12V
outputs.
Power-Up Sequence
The power supplies are controlled by placing external
N-channel pass transistors in the 3.3V and 5V power
paths, and internal pass transistors for the 12V and –12V
power paths (Figure 1).
Resistors R1 and R2 provide current fault detection and
R7 and C1 provide current control loop compensation.
Resistors R5 and R6 prevent high frequency oscillations
in Q1 and Q2.
When the ON pin (Pin 5) is pulled high, the pass transistors
are allowed to turn on and a 22
µA current source is
connected to the TIMER pin (Pin 4) (Figure 2).
The current in each pass transistor increases until it
reaches the current limit for each supply. Each supply is
then allowed to power up at the rate dv/dt = 62
µA/C1 or as
determined by the current limit and the load capacitance
whichever is slower. Current limit faults are ignored while
the TIMER pin (Pin 4) voltage is ramping up and is less
than 0.9V below 12VIN (Pin 1). Once all four supply
voltages are within tolerance, the PWRGD pin (Pin 7) will
pull low.
Power-Down Sequence
When the ON pin (Pin 5) is pulled low, a power-down
sequence begins (Figure 3).
Internal switches are connected to each of the output
supply voltage pins to discharge the bypass capacitors to
ground. The TIMER pin (Pin 4) is immediately pulled low.
The GATE pin (Pin 11) is pulled down by a 200
µA current
source to prevent the load currents on the 3.3V and 5V
supplies from going to zero instantaneously and glitching
the power supply voltages. When any of the output
voltages dip below its threshold, the PWRGD pin (Pin 7)
pulls high.
Table 1. PCI Power Supply Requirements
CAPACITIVE
SUPPLY
TOLERANCE
LOAD
5V
5V
±5%
< 3000
µF
3.3V
3.3V
±0.3V
< 3000
µF
12V
12V
±5%
< 500
µF
– 12V
–12V
±10%
< 120
µF


Similar Part No. - LTC1643AL_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643AL-1 LINER-LTC1643AL-1 Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1CGN LINER-LTC1643AL-1CGN Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1IGN LINER-LTC1643AL-1IGN Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
More results

Similar Description - LTC1643AL_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241 Datasheet
279Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com