Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1643AL Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1643AL
Description  PCI-Bus Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643AL Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1643AL Datasheet HTML 6Page - Linear Technology LTC1643AL Datasheet HTML 7Page - Linear Technology LTC1643AL Datasheet HTML 8Page - Linear Technology LTC1643AL Datasheet HTML 9Page - Linear Technology LTC1643AL Datasheet HTML 10Page - Linear Technology LTC1643AL Datasheet HTML 11Page - Linear Technology LTC1643AL Datasheet HTML 12Page - Linear Technology LTC1643AL Datasheet HTML 13Page - Linear Technology LTC1643AL Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1643AL
LTC1643AL-1/LTC1643AH
1643afb
Figure 2. Normal Power-Up Sequence
Figure 3. Normal Power-Down Sequence
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
5V/DIV
5VOUT
5V/DIV
3VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
PWRGD
10V/DIV
10ms/DIV
1643A F02
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
5V/DIV
5VOUT
5V/DIV
3VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
PWRGD
10V/DIV
10ms/DIV
1643A F03
R2
0.005
Q2
IRF7413
Q1
IRF7413
R1
0.007
R5
10
R6
10
R7
100
C1
0.047
µF
5V
5A
3.3V
7.6A
GND
–12V
100mA
12V
500mA
R3
10k
R4
10k
11
3
13
12
14
16
15
4
10
9
8
1
2
5
6
7
3VIN
GND
12VIN
VEEIN
ON
FAULT
PWRGD
3VSENSE
5VSENSE
3VOUT
LTC1643AH
5VOUT
12VOUT
VEEOUT
TIMER
5VIN
GATE
1643A F01
SYSTEM
POWER
SUPPLY
PCI
POWER
SYSTEM
CONTROLLER
C2
0.1
µF
RESET
LOGIC
RESET
4
3
2
1
4
3
2
1
Figure 1. Typical PCI Application
APPLICATIONS INFORMATION


Similar Part No. - LTC1643AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
logo
Analog Devices
LTC1643AL AD-LTC1643AL Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1643AL-1 LINER-LTC1643AL-1 Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1CGN LINER-LTC1643AL-1CGN Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
More results

Similar Description - LTC1643AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241 Datasheet
279Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com