Part Name
         Description
KTA1045D

 EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP, MEDIUM SPEED SWITCHING) ( 2 Page)


KEC
100% 
Zoom Out Zoom In
   
 2 page
background image
2003. 3. 27
2/2
KTA1045D/L
Revision No : 5
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
C
BE
V
- I
V
- I
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
COLLECTOR CURRENT I (mA)
-1
-3
-10
-30
-0.01
V
- I
C
CE
C
-1
-2
-3
-4
-5
-6
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
Tc=25 C
-20
-15
-12
-10
-8
-6
-4
-2
I =0mA
B
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
V =-5V
CE
CE
COLLECTOR-BASE VOLTAGE V
(V)
5
5
-3
-1
C - V
ob
CB
-10
-30
-100
10
30
50
100
200
f=1MHz
C
COLLECTOR CURRENT I
(mA)
-3
-1
-30
-10
10
h
- I
FE
C
-100
-300
-1k
-5k
30
50
100
300
500
V =-5V
CE
CE(sat)
C
-100
-300
-1k
-3k
-0.03
-0.05
-0.1
-0.3
-0.5
-1.0
I /I =10
CB
0.005
10
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
0
AMBIENT TMMPERATURE Ta ( C)
0
Pc - Ta
20
40
60
80
100 120 140 160
2
4
6
8
10
100
0.01
0.03
0.1
0.3
0.5
1
3
5
0.05
10mS
*
1mS*
100
µS*
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I MAX.(PULSED)
C
C
I MAX. (CONTINUOUS)
DC
OPERATION
Tc=
25
C
*
SAFE OPERATING AREA
Tc=25 C
Ta=25 C
1
2
1
2
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTB631KEPITAXIAL PLANAR PNP TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTC2025DEPITAXIAL PLANAR NPN TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTD600KEPITAXIAL PLANAR NPN TRANSISTOR LOW FREQUENCY POWER AMP MEDIUM SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTB1772EPITAXIAL PLANAR PNP TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTB598EPITAXIAL PLANAR PNP TRANSISTOR LOW FREQUENCY POWER AMP CONVERTER ELECTRONIC GOVERNOR 1 2 KEC(Korea Electronics)
KTB772EPITAXIAL PLANAR NPN TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 3 KEC(Korea Electronics)
KTD882EPITAXIAL PLANAR NPN TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 3 KEC(Korea Electronics)
KTA1298EPITAXIAL PLANAR PNP TRANSISTOR LOW FREQUENCY POWER AMPLIFIER POWER SWITCHING 1 2 KEC(Korea Electronics)
KTD1882EPITAXIAL PLANAR NPN TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING 1 2 KEC(Korea Electronics)
2SB559Low Frequency Power Amp Medium Speed Switching Applications 1 List of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl