Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-9TY-220V-E Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AB-9TY-220V-E
Description  SINGLE LAMP LED BULB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-9TY-220V-E Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AB-9TY-220V-E_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-9TY-220V-E_15 Datasheet HTML 2Page - A-BRIGHT Inc AB-9TY-220V-E_15 Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
10/30/2006
SINGLE LAMP LED BULB
Data Sheet
Feature:
High efficiency LED
materials are used in this
Bulb.
Every lamp is made with an
advanced optical grade
epoxy offering superior
high shock and high
temperature resistance in
outdoor applications.
Wide view angle
High luminous output
Seven kind color
Solid-state Vibration
resistant
Saving power
Long life
Option:
6V to 240V AC or DC
Other industry standard
base
Description:
These single lamp LED
Bulbs are specifically
designed for flashlight
electric equipment,
indicator light switch and
where a wide view angle.
The 9 mm round shaped
radiation pattern (60°) and
high luminous intensity
ensure that these devices
are excellent for wide field
of view outdoor
applications where a wide
viewing angle and
readability in sunlight are
essential.
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.


Similar Part No. - AB-9TY-220V-E_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-9TY-220V-E12 A-BRIGHT-AB-9TY-220V-E12 Datasheet
189Kb / 3P
   Single Lamp LED Bulb
10/30/2006
AB-9TY-220V-E12 A-BRIGHT-AB-9TY-220V-E12 Datasheet
194Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-9TY-220V-E12 A-BRIGHT-AB-9TY-220V-E12_15 Datasheet
194Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
More results

Similar Description - AB-9TY-220V-E_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-9G1-6V-B A-BRIGHT-AB-9G1-6V-B Datasheet
187Kb / 3P
   Single Lamp LED Bulb
10/30/2006
AB-9B5-6V-E A-BRIGHT-AB-9B5-6V-E Datasheet
184Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-46B5-12VD-MF A-BRIGHT-AB-46B5-12VD-MF Datasheet
218Kb / 3P
   SINGLE LAMP LED BULB
AB-46B5-24VD-MG A-BRIGHT-AB-46B5-24VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46G1-5VD-T5 A-BRIGHT-AB-46G1-5VD-T5 Datasheet
192Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-46G1-24VD-MG A-BRIGHT-AB-46G1-24VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46TY-6VD-MG A-BRIGHT-AB-46TY-6VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46TY-24VD-MF A-BRIGHT-AB-46TY-24VD-MF Datasheet
218Kb / 3P
   SINGLE LAMP LED BULB
AB-46W3-6VD-MF A-BRIGHT-AB-46W3-6VD-MF Datasheet
224Kb / 4P
   SINGLE LAMP LED BULB
AB-46W3-6VD-T5 A-BRIGHT-AB-46W3-6VD-T5 Datasheet
199Kb / 4P
   SINGLE LAMP LED BULB
10/30/2006
AB-46W3-12VD-MG A-BRIGHT-AB-46W3-12VD-MG Datasheet
190Kb / 4P
   SINGLE LAMP LED BULB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com