Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1657 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 5 Page - Linear Technology

  LTC1657_15 Datasheet HTML 1Page - Linear Technology LTC1657_15 Datasheet HTML 2Page - Linear Technology LTC1657_15 Datasheet HTML 3Page - Linear Technology LTC1657_15 Datasheet HTML 4Page - Linear Technology LTC1657_15 Datasheet HTML 5Page - Linear Technology LTC1657_15 Datasheet HTML 6Page - Linear Technology LTC1657_15 Datasheet HTML 7Page - Linear Technology LTC1657_15 Datasheet HTML 8Page - Linear Technology LTC1657_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1657/LTC1657L
LTC1657 Differential Nonlinearity
TYPICAL PERFOR A CE CHARACTERISTICS
DIGITAL INPUT CODE
0
16384
32768
49152
65535
1657 G01
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
DIGITAL INPUT CODE
0
–2.0
–1.6
–0.8
–0.4
0
2.0
0.8
16384
32768
49152
1657 G02
–1.2
1.2
1.6
0.4
65535
DIGITAL INPUT CODE
0
16384
32768
49152
65535
1657 G03
5
4
3
2
1
0
–1
–2
–3
–4
–5
DIGITAL INPUT CODE
0
–5
–4
–2
–1
0
5
2
16384
32768
49152
1657 G04
–3
3
4
1
65535
LOAD CURRENT (mA)
05
10
1657 G05
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
CODE ALL 1s
∆VOUT ≤ 1LSB
VOUT = 4.096V
125
°C
25
°C
–55
°C
LOAD CURRENT (mA)
05
10
1657 G06
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
CODE ALL 1s
∆VOUT ≤ 1LSB
VOUT = 2.5V
125
°C
25
°C
–55
°C
OUTPUT SINK CURRENT (mA)
0
510
15
1657 G07
1.2
1.0
0.8
0.6
0.4
0.2
0
CODE ALL 0s
∆VOUT ≤ 1LSB
125
°C
25
°C
–55
°C
OUTPUT SINK CURRENT (mA)
0
510
15
1657 G08
0.6
0.4
0.2
0
CODE ALL 0s
∆VOUT ≤ 1LSB
125
°C
25
°C
–55
°C
TEMPERATURE (
°C)
–55
–25
5
35
65
95
125
1657 G09
4.110
4.105
4.100
4.095
4.090
4.085
4.080
LTC1657 Integral Nonlinearity
LTC1657L Differential Nonlinearity
LTC1657 Minimum Supply
Headroom for Full Output Swing
vs Load Current
LTC1657L Integral Nonlinearity
LTC1657 Minimum Output
Voltage vs Output Sink Current
LTC1657L Minimum Supply
Headroom for Full Output Swing
vs Load Current
LTC1657 Full-Scale Voltage
vs Temperature
LTC1657L Minimum Output
Voltage vs Output Sink Current


Similar Part No. - LTC1657_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657C LINER-LTC1657C Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657CGN LINER-LTC1657CGN Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657CN LINER-LTC1657CN Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657I LINER-LTC1657I Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657IGN LINER-LTC1657IGN Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
More results

Similar Description - LTC1657_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
   Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com