Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1696 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology LTC1696 Datasheet HTML 10Page - Linear Technology LTC1696 Datasheet HTML 11Page - Linear Technology LTC1696 Datasheet HTML 12Page - Linear Technology LTC1696 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC1696
9
1696fb
For more information www.linear.com/LTC1696
APPLICATIONS INFORMATION
Feedback Inputs
The LTC1696 has two feedback inputs that allow monitor-
ing of two output voltages. The trip point of the internal
comparator is set by an internal reference of 0.88V with
±2% accuracy. The output voltage, VS, is sensed through
an external resistor divider network (Figure 1). The resis-
tors R1 and R2 values are calculated with the typical trip
point of 0.88V.
R1
R1+R2
• VS = 0.88
R2 =
(VS − 0.88)•R1
0.88
As an example, let’s calculate values for R1 and R2 for a
3.3V supply in which an overvoltage indication is required
at +10% (3.63V). First, a value for R1 is chosen based on
the allowable resistor divider string current. This is de-
termined by power dissipation requirements and possible
sensitivity to noise coupling into the resistor divider. In
this exercise, assume the resistor divider current is 20µA.
R1 is calculated from:
R1=
VFB
IDIVIDER
=
0.88V
20µA
= 44k
The nearest 1% value for R1 is 44.2k. Now, calculating
for R2 yields:
R2 =
44.2k •(3.63v − 0.88V)
0.88V
= 138.1k
Choosing the nearest 1% value yields 137k.
VREF = 0.88V
FB1
R2
VS
R1
LTC1696
+–
+
Figure 1
The chosen values for R1 and R2 yield an overvoltage
threshold of 3.608V (+9.3%). With worst-case tolerances
applied, the minimum overvoltage threshold is 3.481V
(+5.5%) and the maximum overvoltage threshold is
3.738V (+13.3%).
Reset Function
In the event of an overvoltage condition, the OUT pin of
the LTC1696 is latched into an active high state. The in-
ternal latch is reset by pulling the TIMER/RESET pin low
through an external N-channel MOSFET switch or pulling
VCC voltage below the UVLO trip point of 1.94V.


Similar Part No. - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1696 LINER-LTC1696 Datasheet
291Kb / 24P
   High Voltage Surge
logo
Linear Integrated Syste...
LTC1696 LINEAR-LTC1696 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
More results

Similar Description - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com