Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6QB1G842P2BM Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # F6QB1G842P2BM
Description  SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F6QB1G842P2BM Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  F6QB1G842P2BM Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc F6QB1G842P2BM Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
HIGH FREQUENCY PRODUCTS
SAW Filter
F6QB1G842P2BM
Features
Item Summary
GSM1800, 403
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 5000 , 15000pcs
Products characteristics table
Temperature Range
-30 to +85℃
GSM
1800
Use
GSM
Transmitting / Receiving
Rx Filter
Insertion Loss
1.8dB
Attenuation
15dB
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.1mm +0.1:-0.1
W
0.9mm +0.1:-0.1
T
0.5mm max
2015.06.03
1 / 1


Similar Part No. - F6QB1G842P2BM

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QB1G842P2BF TAIYO-YUDEN-F6QB1G842P2BF Datasheet
477Kb / 8P
   SAW Filter
More results

Similar Description - F6QB1G842P2BM

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com