Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1985-1.8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1985-1.8
Description  Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1985-1.8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1985-1.8 Datasheet HTML 1Page - Linear Technology LTC1985-1.8 Datasheet HTML 2Page - Linear Technology LTC1985-1.8 Datasheet HTML 3Page - Linear Technology LTC1985-1.8 Datasheet HTML 4Page - Linear Technology LTC1985-1.8 Datasheet HTML 5Page - Linear Technology LTC1985-1.8 Datasheet HTML 6Page - Linear Technology LTC1985-1.8 Datasheet HTML 7Page - Linear Technology LTC1985-1.8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1985-1.8
VCC Monitor Timing
tRST
tUV
1985-18 TD
VRTX
VCCX
RST
1.5V
TI I G DIAGRA
200ms
DELAY
VCC INTERNAL
BANDGAP
REFERENCE
POWER
DETECT
200ms PULSE GENERATOR
5
VCC3
4
VCC18
3
VCCA
2
GND
1985-18 BD
1
RST
LTC1985-1.8
VCC3
BLOCK DIAGRA


Similar Part No. - LTC1985-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC1985-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com