Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42UBZ4 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR42UBZ4
Description  42U SmartRack Seismic-Rated Standard-Depth Rack Enclosure Cabinet with doors and side panels
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBZ4 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR42UBZ4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBZ4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBZ4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
Yes
CERTIFICATIONS
Certifications
EIA-310-E, Seismic Zone 4 (NEBS GR-63-CORE)
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
UL60950; RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SR42UBZ4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UB1032 TRIPPLITE-SR42UB1032 Datasheet
514Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet, Threaded 10-32 Mounting Holes with doors and side panels
SR42UBCL TRIPPLITE-SR42UBCL Datasheet
523Kb / 3P
   42U SmartRack Co-Location Standard-Depth Rack Enclosure Cabinet - 2 separate compartments
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
   42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UBDPWD TRIPPLITE-SR42UBDPWD Datasheet
518Kb / 3P
   42U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
More results

Similar Description - SR42UBZ4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
   42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
   42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
   42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
SR42UBTAA TRIPPLITE-SR42UBTAA Datasheet
484Kb / 3P
   TAA-Compliant 42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBSP1 TRIPPLITE-SR42UBSP1 Datasheet
496Kb / 3P
   42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet shipping
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
   42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UWSP1 TRIPPLITE-SR42UWSP1 Datasheet
500Kb / 4P
   42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com