Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM64YLB36514 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HM64YLB36514
Description  16M Synchronous Late Write Fast Static RAM (512-kword36-bit, Register-Latch Mode)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM64YLB36514 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HM64YLB36514_15 Datasheet HTML 4Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 5Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 6Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 7Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 8Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 9Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 10Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 11Page - Renesas Technology Corp HM64YLB36514_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
HM64YLB36514 Series
Rev.0.10, May.15.2003, page 6 of 22
Programmable Impedance Output Drivers
Output buffer impedance can be programmed by terminating the ZQ pin to V
SS through a precision resistor
(RQ). The value of RQ is five times the output impedance desired. The allowable value of RQ to
guarantee impedance matching with a tolerance of 15% is 250
Ω. If the status of ZQ pin is open, output
impedance is maximum value. Maximum impedance also occurs with ZQ connected to V
DDQ.
The
impedance update of the output driver occurs when the SRAM is in high-Z. Write and deselect operations
will synchronously switch the SRAM into and out of high-Z, therefore will trigger an update. The user
may choose to invoke asynchronous
G updates by providing a G setup and hold about the K clock, to
guarantee the proper update. At power up, the output buffer is in high-Z. It will take 4,096 cycles for the
impedance to be completely updated.


Similar Part No. - HM64YLB36514_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM64YLB36514BP-6H RENESAS-HM64YLB36514BP-6H Datasheet
205Kb / 22P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
More results

Similar Description - HM64YLB36514_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM64YLB36514 RENESAS-HM64YLB36514 Datasheet
205Kb / 22P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36512 RENESAS-HM64YLB36512_15 Datasheet
395Kb / 33P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512 Datasheet
360Kb / 31P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100_15 Datasheet
232Kb / 23P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD44323362 NEC-UPD44323362 Datasheet
252Kb / 28P
   32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com