Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1502 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1502
Description  EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1502 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1502 Datasheet HTML 1Page - STMicroelectronics AN1502 Datasheet HTML 2Page - STMicroelectronics AN1502 Datasheet HTML 3Page - STMicroelectronics AN1502 Datasheet HTML 4Page - STMicroelectronics AN1502 Datasheet HTML 5Page - STMicroelectronics AN1502 Datasheet HTML 6Page - STMicroelectronics AN1502 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
LD
FLASH_PTRH, A
; located at address 8000h (sector 2).
LD
A, #$00
LD
FLASH_PTRH, A
LD
A, #$55
; 55h is the new data to be write in emulated data
LD
FLASH_DATA, A
; EEPROM byte located at 8000h address
CALL HDemulE2_ByteProg
; Result: status returned in FLASH_CMD high nibble
; < USER APPLICATION PROGRAM >
; -----------------------------------------------------------------------------
; ROUTINE: HDemulE2_ByteRead
; DESCRIPTION: Emulated data EEPROM byte read driver routine
; BEFORE: FLASH_PTRH:L = pointer corresponding to the start address of the
;
memory table allocated to the emulated data EEPROM
;
byte to read
; AFTER:
A
= current emulated data EEPROM byte value
;
FLASH_PTRH:L = address of the current emulated data EEPROM byte value
; RESSOURCES:
;
Program size:
15 bytes
;
Used RAM area: 2 bytes for PTRH:PTRL.
; -----------------------------------------------------------------------------
.HDemulE2_ByteRead
LD
A,[FLASH_PTRH.w]
; Read emulated data EEPROM table content
CP
A, #$FF
; If the value is FFh check next location
JRNE
HDemulE2_ByteRead_end
; Else A = current value.
INC
FLASH_PTRL
JRNE
HDemulE2_ByteRead
INC
FLASH_PTRH
JRT
HDemulE2_ByteRead
.HDemulE2_ByteRead_end
RET
; -----------------------------------------------------------------------------
; ROUTINE: HDemulE2_ByteProg
; DESCRIPTION: Emulated data EEPROM byte programming driver routine
; BEFORE: FLASH_PTRH:L = pointer corresponding to the start address of the
;
memory table allocated to the emulated data EEPROM
;
byte to update
;
FLASH_DATA = data to be programmmed
; AFTER:
FLASH_CMD
= status result of the programming (see embedded status
;
return code definition of the Embedded Command)
; RESSOURCES:
;
Program size:
24 bytes
;
Used RAM area: same as HDFlash Embedded Command
;
- 16 bytes from 00F0h to 00FFh
;
- 116 byte stack
;
(see dedicated chapter for more details)
; -----------------------------------------------------------------------------
.HDemulE2_ByteProg
CALL
HDemulE2_ByteRead
; To look for the current value address
CP
A, FLASH_DATA
; If the data to be written is the same as
JREQ
HDemulE2_ByteProg_end
; current one, skip programming
TNZ
FLASH_PTRL
; Set the new current value address
JRNE
HDemulE2_ByteProg_next
; => previous current - 1
DEC
FLASH_PTRH
.HDemulE2_ByteProg_next
DEC
FLASH_PTRL
CLR
FLASH_CMD
; Set Embedded Command to "Byte programming"


Similar Part No. - AN1502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN1500-521P ETC1-AN1500-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
Sames
AN1500A SAMES-AN1500A Datasheet
623Kb / 27P
   SINGLE CHIP TELEPHONE DEMO BOARD
logo
ON Semiconductor
AN1503D ONSEMI-AN1503D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AN1504 ONSEMI-AN1504 Datasheet
135Kb / 8P
   Metastability and the ECLinPS Family
November, 2004 ??Rev. 2
logo
STMicroelectronics
AN1504 STMICROELECTRONICS-AN1504 Datasheet
176Kb / 9P
   STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
More results

Similar Description - AN1502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1477 STMICROELECTRONICS-AN1477 Datasheet
32Kb / 5P
   EMULATED DATA EEPROM WITH XFLASH MEMORY
AN1575 STMICROELECTRONICS-AN1575 Datasheet
73Kb / 11P
   ON-BOARD PROGRAMMING METHODS FOR XFLASH AND HDFLASH ST7 MCUs
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC3216CRF ATMEL-AT88SC3216CRF_14 Datasheet
414Kb / 11P
   CryptoRF EEPROM Memory
AT88SC6416CRF ATMEL-AT88SC6416CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com