Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G32 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74ALVC1G32
Description  2-input OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G32 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74ALVC1G32_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC1G32_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD74ALVC1G32
Rev.6.00, Jun.20.2005 page 7 of 7
Package Dimensions
1
3
54
D
b
c
1.0 ±0.1
0.3
0.2
0.15
1
A
1.3
1.1
1.55
1.6
1.55
0.12
1
E
1
D
p
0.5
e
e
L
x
y
0.2
1.65
1.65
P-USON5-1.2x1.6-0.50
PUSN0005KA-A
0.22
0.07
1
2
L
c
c
Z
b
A
E
D
b
H
A
MASS[Typ.]
0.6
1.2
1.6
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
RENESAS Code
TNP-5D/TNP-5DV
0.002g


Similar Part No. - HD74ALVC1G32_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G32VSE RENESAS-HD74ALVC1G32VSE Datasheet
76Kb / 8P
   2-input OR Gate
More results

Similar Description - HD74ALVC1G32_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com