Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G126 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC1G126
Description  Bus Buffer Gate with 3-state Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G126 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74ALVC1G126_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC1G126_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HD74ALVC1G126
Rev.3.00, Nov.12.2003, page 5 of 12
Electrical Characteristics
(Ta =
−40 to 85°C)
Item
Symbol
VCC (V)
*
Min
Typ
Max
Unit
Test conditions
1.2
VCC
×0.75 
1.4 to 1.6
VCC
×0.7 
1.65 to 1.95
VCC
×0.7 
2.3 to 2.7
1.7

VIH
3.0 to 3.6
2.0

1.2

VCC
×0.25
1.4 to 1.6

VCC
×0.3
1.65 to 1.95

VCC
×0.3
2.3 to 2.7

0.7
Input voltage
VIL
3.0 to 3.6

0.8
V
Min to Max
VCC
−0.2 
IOH =
−100 µA
1.2
0.9

IOH =
−2 mA
1.4
1.1

IOH =
−4 mA
1.65
1.2

IOH =
−6 mA
2.3
1.7

IOH =
−18 mA
VOH
3.0
2.2

IOH =
−24 mA
Min to Max

0.2
IOL = 100
µA
1.2

0.3
IOL = 2 mA
1.4

0.3
IOL = 4 mA
1.65

0.3
IOL = 6 mA
2.3

0.55
IOL = 18 mA
Output voltage
VOL
3.0

0.55
V
IOL = 24 mA
Input current
IIN
3.6
±5
µAVIN = 3.6 V or GND
Off state output
current
IOZ
3.6
±5
µAVO = VCC or GND
Quiescent supply
current
ICC
3.6

10
µAVIN = VCC or GND,
IO = 0
Output leakage
current
IOFF
0

5
µAVIN or VO =
0 to 3.6 V
Input capacitance
CIN
3.3
4.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Similar Part No. - HD74ALVC1G126_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G126VSE RENESAS-HD74ALVC1G126VSE Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
More results

Similar Description - HD74ALVC1G126_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1GT126A HITACHI-HD74LV1GT126A Datasheet
46Kb / 10P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com