Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVCH16244 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74ALVCH16244
Description  16-bit Buffers / Drivers with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVCH16244 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74ALVCH16244_15 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVCH16244_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74ALVCH16244
Rev.5.00, Oct.02.2003, page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 4.6
V
Input voltage
*1
VI
–0.5 to 4.6
V
Output voltage
*1, 2
VO
–0.5 to VCC +0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
VCC, GND current / pin
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 55°C (in still air)
*3
PT
0.85
W
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150°C
and a board trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage
VCC
2.3
3.6
V
Input voltage
VI
0VCC
V
Output voltage
VO
0VCC
V
–12
VCC = 2.3 V
–12
VCC = 2.7 V
High level output current
IOH
–24
mA
VCC = 3.0 V
—12
VCC = 2.3 V
—12
VCC = 2.7 V
Low level output current
IOL
—24
mA
VCC = 3.0 V
Input transition rise or fall rate
∆t / ∆v
0
10
ns / V
Operating temperature
Ta
–40
85
°C
Note: Unused control inputs must be held high or low to prevent them from floating.


Similar Part No. - HD74ALVCH16244_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16244 HITACHI-HD74ALVCH16244 Datasheet
46Kb / 9P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244 Datasheet
124Kb / 9P
   16-bit Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74ALVCH16244_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com