Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVCH16245 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74ALVCH16245
Description  6-bit Bus Transceivers with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVCH16245 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74ALVCH16245_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVCH16245_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74ALVCH16245
Rev.5.00, Oct.02.2003, page 6 of 8
Switching Characteristics
(Ta = –40 to 85°C)
Item
Symbol VCC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
2.5±0.2
1.0
3.9
ns
A or B
B or A
tPHL
2.7
——3.6
3.3±0.3
1.0
3.2
Output enable time
tZH
2.5±0.2
1.0
5.7
ns
OE
B or A
tZL
2.7
——5.4
3.3±0.3
1.0
4.4
Output disable time
tHZ
2.5±0.2
1.0
5.2
ns
OE
B or A
tLZ
2.7
——4.6
3.3±0.3
1.0
4.1
Input capacitance
CIN
3.3
4.0
pF
Control inputs
Output capacitance
CO
3.3
9.0
pF
A or B ports
500
C = 50 pF
L
L
500
S1
*1
See under table
GND
OPEN
Load Circuit for Outputs
Note: 1. C includes probe and jig capacitance.
Symbol
t
/ t
PLH
PHL
OPEN
OPEN
GND
4.6 V
6.0 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
GND
Vcc=2.7V,
3.3±0.3V
Vcc=2.5±0.2V
• Test Circuit


Similar Part No. - HD74ALVCH16245_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16245 HITACHI-HD74ALVCH16245 Datasheet
47Kb / 9P
   16-bit Bus Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16245 RENESAS-HD74ALVCH16245 Datasheet
123Kb / 9P
   6-bit Bus Transceivers with 3-state Outputs
More results

Similar Description - HD74ALVCH16245_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVCH16245 RENESAS-HD74ALVCH16245 Datasheet
123Kb / 9P
   6-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com