Electronic Components Datasheet Search |
|
HD74LV2G02A Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
HD74LV2G02A Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 11 page HD74LV2G02A Rev.3.00, Sep.22.2003, page 3 of 8 Pin Arrangement (Top view) 8VCC 1 71Y 62B 52A 1A 2 1B 3 2Y 4 GND Absolute Maximum Ratings Item Symbol Ratings Unit Test Conditions Supply voltage range VCC –0.5 to 7.0 V Input voltage range *1 VI –0.5 to 7.0 V –0.5 to VCC + 0.5 Output : H or L Output voltage range *1, 2 VO –0.5 to 7.0 V VCC : OFF Input clamp current IIK –20 mA VI < 0 Output clamp current IOK ±50 mA VO < 0 or VO > VCC Continuous output current IO ±25 mA VO = 0 to VCC Continuous current through VCC or GND ICC or IGND ±50 mA Maximum power dissipation at Ta = 25°C (in still air) *3 PT 200 mW Storage temperature Tstg –65 to 150 °C Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150°C. |
Similar Part No. - HD74LV2G02A_15 |
|
Similar Description - HD74LV2G02A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |