Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1932 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1932
Description  Constant-Current DC/DC LED Driver in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1932 Datasheet HTML 5Page - Linear Technology LT1932 Datasheet HTML 6Page - Linear Technology LT1932 Datasheet HTML 7Page - Linear Technology LT1932 Datasheet HTML 8Page - Linear Technology LT1932 Datasheet HTML 9Page - Linear Technology LT1932 Datasheet HTML 10Page - Linear Technology LT1932 Datasheet HTML 11Page - Linear Technology LT1932 Datasheet HTML 12Page - Linear Technology LT1932 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1932
1932f
APPLICATIO S I FOR ATIO
Figure 10. Recommended Component Placement
Board Layout Considerations
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent radiation and high fre-
quency resonance problems, proper layout of the high
frequency switching path is essential. Minimize the length
and area of all traces connected to the SW pin and always
use a ground plane under the switching regulator to
minimize interplane coupling. The signal path including
the switch, output diode D1 and output capacitor C2,
contains nanosecond rise and fall times and should be
kept as short as possible. In addition, the ground connec-
tion for the RSET resistor should be tied directly to the GND
pin and not be shared with any other component, ensuring
a clean, noise-free connection. Recommended compo-
nent placement is shown in Figure 10.
VIN
SW
D1
SOFT-START
CIRCUIT
1932 F07
L1
6.8
µH
VIN
IIN
VOUT
LT1932
SHDN
61
4
RSET
1.50k
C1
4.7
µF
C2
1
µF
2
3
5
LED
Q1
2N3904
RSET
GND
C3
0.047
µF
R1
1.5k
Figure 7. Soft-Start Circuit for the LT1932
VOUT
5V/DIV
IIN
200mA/DIV
100
µs/DIV
1932 F08
Figure 8. Input Current at Start-Up Without Soft-Start
VOUT
5V/DIV
IIN
200mA/DIV
100
µs/DIV
1932 F09
Figure 9. Input Current at Start-Up with Soft-Start
C1
L1
D1
GND
C2
RSET
1932 F10
1
2
3
6
5
4
DIMMING
CONTROL
SHDN
VIN


Similar Part No. - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
LT1932 LINER-LT1932 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT1932 LINER-LT1932 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
First Components Intern...
LT1932 FCI-LT1932 Datasheet
201Kb / 12P
   Constant-Current DC/DC LED Driver LT1932
logo
Linear Technology
LT1932ES6 LINER-LT1932ES6 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
More results

Similar Description - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L_12 Datasheet
160Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com