Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1946A Datasheet(PDF) 2 Page - Linear Technology

Part # LT1946A
Description  2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946A Datasheet(HTML) 2 Page - Linear Technology

  LT1946A Datasheet HTML 1Page - Linear Technology LT1946A Datasheet HTML 2Page - Linear Technology LT1946A Datasheet HTML 3Page - Linear Technology LT1946A Datasheet HTML 4Page - Linear Technology LT1946A Datasheet HTML 5Page - Linear Technology LT1946A Datasheet HTML 6Page - Linear Technology LT1946A Datasheet HTML 7Page - Linear Technology LT1946A Datasheet HTML 8Page - Linear Technology LT1946A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1946A
2
sn1946a 1946afs
VIN Voltage .............................................................. 16V
SW Voltage ................................................– 0.4V to 36V
FB Voltage .............................................................. 2.5V
Current into FB Pin ...............................................
±1mA
SHDN Voltage .......................................................... 16V
Maximum Junction Temperature .......................... 125
°C
Operating Temperature
Range (Note 2) ....................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS8E PART
MARKING
TJMAX = 125°C, θJA = 40°C/W,
θJC = 10°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTYZ
LT1946AEMS8E
(Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1946AE is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VSHDN = VIN unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.45
2.6
V
Maximum Operating Voltage
16
V
Feedback Voltage
1.23
1.25
1.27
V
q
1.22
1.27
V
FB Pin Bias Current
VFB = 1.25V (Note 3)
q
20
120
nA
Error Amp Transconductance
∆I = 2µA40
µmhos
Error Amp Voltage Gain
300
V/V
Quiescent Current
VSHDN = 2.5V, Not Switching
3.6
5
mA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 3V
0
1
µA
Reference Line Regulation
2.6V
≤ VIN ≤ 16V
0.01
0.05
%/V
Switching Frequency
2.4
2.7
3
MHz
q
2.3
3.1
MHz
Switching Frequency in Foldback
VFB = 0V
0.85
MHz
Maximum Duty Cycle
q
73
80
%
Switch Current Limit
(Note 4)
q
1.5
2.1
3.1
A
Switch VCESAT
ISW = 1A
240
340
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
Soft-Start Charging Current
VSS = 0.5V
2.5
4
6
µA
SHDN Input Voltage High
2.4
V
SHDN Input Voltage Low
0.5
V
SHDN Pin Bias Current
VSHDN = 3V
16
32
µA
VSHDN = 0V
0
0.1
µA
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current flows out of the FB pin.
Note 4: Current limit guaranteed by design and/or correlation to static test.
Current limit is independent of duty cycle and is guaranteed by design.
1
2
3
4
VC
FB
SHDN
GND
8
7
6
5
SS
COMP
VIN
SW
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
EXPOSED PAD IS GROUND
(MUST BE SOLDERED TO PCB)
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO


Similar Part No. - LT1946A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946AEMS8E LINER-LT1946AEMS8E Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results

Similar Description - LT1946A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com