Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3048 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3048
Description  Low Noise Bias Generator in 2mm 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3048 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3048_15 Datasheet HTML 7Page - Linear Technology LT3048_15 Datasheet HTML 8Page - Linear Technology LT3048_15 Datasheet HTML 9Page - Linear Technology LT3048_15 Datasheet HTML 10Page - Linear Technology LT3048_15 Datasheet HTML 11Page - Linear Technology LT3048_15 Datasheet HTML 12Page - Linear Technology LT3048_15 Datasheet HTML 13Page - Linear Technology LT3048_15 Datasheet HTML 14Page - Linear Technology LT3048_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3048 Series
11
3048fa
For more information www.linear.com/LT3048
APPLICATIONS INFORMATION
Figure 3. Recommended PCB Layout
Reducing Output Noise With A Bypass Capacitor
The LT3048 relies on the power supply rejection of the
linear regulator to reduce switching regulator noise at
LDOOUT. The linear regulator also contributes thermal
noise to the output. The thermal noise can be reduced,
and transient response improved, by adding a capacitor
between LDOOUT and BYP. A typical value is 1nF. This
capacitor increases start-up time of the regulator.
Recommended PCB Layout
Figure 3 shows the recommended layout for LT3048 cir-
cuits. Most important is careful placement of the BSTOUT
bypass capacitor C2. High frequency AC current flows in a
loop formed by C2, internal power transistor Q1 and boost
diode D2. Keep this loop small. Also be sure to place an
unbroken ground plane below this loop, on the highest
copper layer below the surface. This prevents the AC loop
fromcouplingtoLDOOUTandothernearbycircuitry.Keep
the SW node as small as possible.
LDO Stability and Output Capacitance
The LT3048 linear regulator requires an output capacitor
for stability. It is designed to be stable with most low
ESR capacitors (typically ceramic, tantalum or low ESR
electrolytic). A minimum output capacitor of 1μF with an
ESR of 1Ω or less is recommended to prevent oscilla-
tions. Larger values of output capacitance decrease peak
C2
C4
C3
3048 F03
C1
L1
Figure 2. LT3048 Typical and Guaranteed Load
Current vs. Output Voltage
LDOOUT VOLTAGE (V)
0
45
35
25
15
40
30
20
10
0
5
8
16
4
12
20
3048 F02
22
6
14
2
10
18
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
GUARANTEED
L = 5.6µH
DCR = 120m
deviations and provide improved transient response for
larger load current changes. Bypass capacitors, used to
decouple individual components powered by the LT3048,
increase the effective output capacitor value.
Give consideration to the use of ceramic capacitors as
they are manufactured with a variety of dielectrics, each
with different behavior across temperature and applied
voltage. The most common dielectrics used are specified
with EIA codes of Z5U, Y5V, X5R and X7R. Typical volt-
age and temperature coefficients are shown in Figures 4
and 5. The X5R and X7R dielectrics have more stable
characteristics and are most suitable for use as the output
capacitor. The X7R type has better stability across tem-
perature, while the X5R is less expensive and is available
in higher values. Care still must be exercised when using
X5R and X7R capacitors; the codes only specify operating
temperature range and maximum capacitance change
over temperature. Capacitance change due to DC bias
with X5R and X7R capacitors can be significant enough
to drop capacitor values below appropriate levels. Capaci-
tor DC bias characteristics tend to improve as case size
increases, but expected capacitance at operating voltage
should be verified.


Similar Part No. - LT3048_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3048 LINER-LT3048 Datasheet
1Mb / 22P
   Dual-Channel Low Noise Bias Generators
More results

Similar Description - LT3048_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX5128 MAXIM-MAX5128_07 Datasheet
308Kb / 14P
   128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm 關DFN Package
Rev 2; 6/07
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com