Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24004ASAS0A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1EX24004ASAS0A
Description  Two-wire serial interface 4k EEPROM (512-word8-bit)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24004ASAS0A Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1EX24004ASAS0A_15 Datasheet HTML 1Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 2Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX24004ASAS0A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
R1EX24004AxxS0A
• Small size packages: SOP-8pin, TSSOP-8pin
• Shipping tape and reel
 TSSOP 8-pin: 3,000 IC/reel
 SOP 8-pin: 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free products.
Ordering Information
Type No.
Internal
organization
Operating voltage Frequency
Package
R1EX24004ASAS0A
4k bit
(512
× 8-bit)
1.8 V to 5.5 V
400 kHz
150 mil 8-pin plastic SOP
PRSP0008DF-B
(FP-8DBV)
Lead free
R1EX24004ATAS0A
4k bit
(512
× 8-bit)
1.8 V to 5.5 V
400 kHz
8-pin plastic TSSOP
PTSP0008JC-B
(TTP-8DAV)
Lead free
Pin Arrangement
/8-pin TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA
(Top view)
8-pin SOP
REJ03C0353-0101 Rev.1.01 Jan. 9, 2009
Page 2 of 22


Similar Part No. - R1EX24004ASAS0A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
More results

Similar Description - R1EX24004ASAS0A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I_15 Datasheet
250Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G_15 Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
Renesas Technology Corp
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
R1EX24002ASAS0A RENESAS-R1EX24002ASAS0A Datasheet
179Kb / 24P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com