Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRXCOOL12K Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SRXCOOL12K
Description  SmartRack 12,000 BTU 230V Portable Air Conditioning Unit - Small Server Rooms and Network Closets
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRXCOOL12K Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SRXCOOL12K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRXCOOL12K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRXCOOL12K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material of Construction
ABS
Color
Black
Form Factors Supported
Tower
ENVIRONMENTAL
Cooling Capacity
12,000 BTU / 3.5 kW
SPECIAL FEATURES
Dehumidifier
2.5lbs / hour
Compressor Type
Rotary
Refrigerant
R410a (Environmentally friendly, Non ozone depleting)
Refrigerant Amount
22 oz.
Air Flow
Evaporator = 329 CFM / Condenser = 311 CFM
Amp Draw Nominal
7-10A
Sound Level (Noise)
57dB
Air Supply Tube Length
71 inches
Air Exhaust Tube Length
118 inches
Air Exhaust Tube Diameter
5.16 inches
CERTIFICATIONS
Certifications
Tested to CE; RoHS
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3


Similar Part No. - SRXCOOL12K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRXCOOL12KB TRIPPLITE-SRXCOOL12KB Datasheet
172Kb / 4P
   SmartRack Portable Server Rack Cooling Unit - 12,000 BTU, 230V, BS 1363 Plug
More results

Similar Description - SRXCOOL12K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRXCOOL12KB TRIPPLITE-SRXCOOL12KB Datasheet
172Kb / 4P
   SmartRack Portable Server Rack Cooling Unit - 12,000 BTU, 230V, BS 1363 Plug
SRCOOL12K TRIPPLITE-SRCOOL12K Datasheet
127Kb / 3P
   Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets
SRCOOL24K TRIPPLITE-SRCOOL24K Datasheet
168Kb / 3P
   Portable AC Unit for Server Rooms - 24,000 BTU, 208/240V
SRCOOL2KWM TRIPPLITE-SRCOOL2KWM Datasheet
171Kb / 4P
   SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
SRXCOOL33K TRIPPLITE-SRXCOOL33K Datasheet
548Kb / 3P
   SmartRack 33,000 BTU 200-240V Energy-Saving, Row-Based Air Conditioning Unit with Hardwire Input
SRCOOL7KRM TRIPPLITE-SRCOOL7KRM Datasheet
179Kb / 3P
   AC Unit for Server Racks - Rack Mount, 7,000 BTU, 120V, 8U
logo
EPCOS
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
   Heating and air conditioning systems
logo
Tripp Lite. All Rights ...
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
   SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
   Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
   Heating and air conditioning systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com