Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3494A Datasheet(PDF) 4 Page - Linear Technology

Part # LT3494A
Description  Micropower Low Noise Boost Converters with Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3494A Datasheet(HTML) 4 Page - Linear Technology

  LT3494A Datasheet HTML 1Page - Linear Technology LT3494A Datasheet HTML 2Page - Linear Technology LT3494A Datasheet HTML 3Page - Linear Technology LT3494A Datasheet HTML 4Page - Linear Technology LT3494A Datasheet HTML 5Page - Linear Technology LT3494A Datasheet HTML 6Page - Linear Technology LT3494A Datasheet HTML 7Page - Linear Technology LT3494A Datasheet HTML 8Page - Linear Technology LT3494A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3494/LT3494A
4
3494fb
Output Voltage vs Temperature
Minimum Switching Frequency
Quiescent Current–Not Switching
SHDN Current vs SHDN Voltage
Peak Inductor Current (LT3494)
TEMPERATURE (
°C)
–40
0
1.0
120
3494 G04
–1.0
–2.0
0
40
80
–20
20
60
100
2.0
–0.5
0.5
–1.5
1.5
LT3494
FIGURE 5 CIRCUIT
TEMPERATURE (
°C)
–40
49.0
50.0
120
3494 G05
48.0
47.0
0
40
80
–20
20
60
100
51.0
48.5
49.5
47.5
50.5
VCC = 3.6V
NO LOAD
VCC (V)
3
50
55
65
70
75
100
85
5
7
8
3494 G06
60
90
95
80
4
6
9
10
SHDN PIN VOLTAGE (V)
0
0
5
10
15
20
24
6
8
3494 G07
10
12
14
16
Peak Inductor Current (LT3494A)
TEMPERATURE (
°C)
–40
100
150
200
250
300
040
80
120
3494 G08
350
400
–20
20
60
100
FIGURE 5 CIRCUIT
VCC = 3.6V
VOUT = 16V
LT3494 Switching Waveforms at
No Load
VOUT
10mV/DIV
AC
COUPLED
SW
VOLTAGE
10V/DIV
VCC = 3.6V
VOUT = 16V
INDUCTOR
CURRENT
50mA/DIV
5
μs/DIV
3494 G10
FIGURE 5 CIRCUIT
VOUT
10mV/DIV
AC
COUPLED
SW
VOLTAGE
10V/DIV
INDUCTOR
CURRENT
100mA/DIV
2
μs/DIV
3494 G11
FIGURE 5 CIRCUIT
VCC = 3.6V
VOUT = 16V
VOUT
10mV/DIV
AC
COUPLED
SW
VOLTAGE
10V/DIV
INDUCTOR
CURRENT
100mA/DIV
500ns/DIV
3494 G12
FIGURE 5 CIRCUIT
VCC = 3.6V
VOUT = 16V
LT3494 Switching Waveforms at
1mA Load
LT3494 Switching Waveforms at
25mA Load
TEMPERATURE (
°C)
–40
400
450
500
550
600
040
80
120
3494 G09
650
700
–20
20
60
100
FIGURE 6 CIRCUIT
VCC = 3.6V
VOUT = 16V
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.


Similar Part No. - LT3494A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3494A LINER-LT3494A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3494A LINER-LT3494A Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494AEDDB LINER-LT3494AEDDB Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
More results

Similar Description - LT3494A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com