Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3595 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3595_15 Datasheet HTML 4Page - Linear Technology LT3595_15 Datasheet HTML 5Page - Linear Technology LT3595_15 Datasheet HTML 6Page - Linear Technology LT3595_15 Datasheet HTML 7Page - Linear Technology LT3595_15 Datasheet HTML 8Page - Linear Technology LT3595_15 Datasheet HTML 9Page - Linear Technology LT3595_15 Datasheet HTML 10Page - Linear Technology LT3595_15 Datasheet HTML 11Page - Linear Technology LT3595_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3595
8
3595f
OPERATION
The LT3595 uses a constant-frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation is best understood by referring to the Block
Diagram. The oscillator, V-I converter and internal regulator
are shared by the sixteen converters. The control circuitry,
power switches, PWM comparators and dimming control
(DFC) are identical for all converters.
The LT3595 enters shutdown mode when the ⎯S⎯H⎯D⎯N pin
is lower than 400mV. If the ⎯S⎯H⎯D⎯N pin is above 1.6V,
then the LT3595 turns on. At the start of each oscillator
cycle, the power switch is turned on. Current ramps up
through the output capacitor, the inductor, and the switch
to ground. When the voltage across the output capacitor
is larger than the LEDs’ forward voltage, current flows
through the LEDs.
When the switch is on, a voltage proportional to the switch
current is added to a stabilizing ramp and the resulting
sum is fed into the positive terminal of the PWM compara-
tor. When this voltage exceeds the level at the negative
input of the PWM comparator, the PWM logic turns off
the power switch. The level at the negative input of the
PWM comparator is set by the error amplifier output. This
voltage is set by the LED current and the bandgap refer-
ence. In this manner, the error amplifier sets the correct
peak current level in the inductor to keep the LED output
current in regulation. The external RSET resistor is used
to program the LED current from 10mA to 50mA.
Input Voltage Range
The minimum input voltage required to generate a specific
output voltage in an LT3595 application is limited by its
4.5V input voltage or by its maximum duty cycle. The duty
cycle is the fraction of time that the internal switch is on
divided by the total period. It is determined by the input
voltage and the voltage across the LEDs:
DC
VV
VV
V
LED
D
VIN
CESAT
D
=
+
−+
where VLED is the voltage drop across the LEDs, VD is
the Schottky forward drop, and VCESAT is the saturation
voltage of the internal switch. This leads to a minimum
input voltage of:
V
VV
DC
VV
IN MIN
LED
D
MAX
CESAT
D
() =
+
+−
where DCMAX is the minimum rating of maximum duty
cycle.
The maximum input voltage is limited by the absolute
maximum rating of 45V.
Pulse-Skipping
At low duty cycles, the LT3595 may enter pulse-skipping
mode. Low duty cycle occurs at higher input voltages and
lower LED count. The LT3595 can drive currents without
pulse-skipping provided the voltage across the LED
string is greater than 15% of the input supply voltage. If
the current decreases to the point that the LED voltage is
less than 15% of the input supply, the device may begin
skipping pulses. This will result in some low frequency
ripple, although the LED current remains regulated on an
average basis down to 10mA.


Similar Part No. - LT3595_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595A LINER-LT3595A Datasheet
383Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A Datasheet
388Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A Datasheet
624Kb / 10P
   48-Channel LED Driver with PWM Generator and Serial Interface
LT3595AEUHHPBF LINER-LT3595AEUHHPBF Datasheet
383Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595AEUHHTRPBF LINER-LT3595AEUHHTRPBF Datasheet
383Kb / 16P
   16 Channel Buck Mode LED Driver
More results

Similar Description - LT3595_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595A LINER-LT3595A Datasheet
383Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A_15 Datasheet
388Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
   16 Channel Buck Mode LED Driver
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
   16 Channel LED driver
logo
Texas Instruments
TLC5940 TI1-TLC5940_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
   16-Channel LED Driver
LT3590 LINER-LT3590_15 Datasheet
237Kb / 16P
   48V Buck Mode LED Driver in SC70
logo
Sanken electric
LC5910S SANKEN-LC5910S Datasheet
692Kb / 22P
   Critical Current Mode Buck LED Driver IC
logo
NXP Semiconductors
ASL3416SHN NXP-ASL3416SHN Datasheet
1Mb / 38P
   Enhanced three channel LED buck driver
Rev. 6 - 16 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com