Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3595 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3595
6
3595f
PIN FUNCTIONS
L1-16 (Pins 1, 3, 7, 9, 10, 12, 16, 18, 29, 31, 35, 37,
38, 40, 44, 46): LED Pins. Connection point for the anode
of the highest LED in each string.
SW1-16 (Pins 2, 4, 6, 8, 11, 13, 15, 17, 30, 32, 34,
36, 39, 41, 43, 45): Switch Pins. Minimize trace area
at these pins to minimize EMI. Connect the inductors to
these pins.
VIN (Pins 5, 14): 4.5V to 45V Input Supply Pin.
Must be locally bypassed. Both VIN pins must be tied
together.
PWM1-16 (Pins 19-22, 25-28, 47-50, 53-56): Input Pin
for LED Dimming Function. The rising edge of each channel
must be synchronized.
⎯O⎯P⎯E⎯N⎯L⎯E⎯D (Pin 23): Open Collector Output for Reporting
Faults. If any channel experiences an open LED connec-
tion, the ⎯O⎯P⎯E⎯N⎯L⎯E⎯D pin is pulled low.
⎯S⎯H⎯D⎯N (Pin 24): Shutdown. Tie to 1.6V or greater to enable
the device. Tie below 0.4V to turn off the device.
NC (Pins 33, 42): No Connect. Connect these pins to
ground.
RSET (Pin 51): External Resistor to Set the Master LED
Current. The LED current is equal to:
I
V
R
LED
SET
=
121
1240
.
where RSET is the value of the external resistor. Use a
kelvin for ground metal.
VCC (Pin 52): 3.3V Input Supply. Must be locally by-
passed.
Exposed Pad (Pin 57): Ground. The Exposed Pad must
be soldered to PCB. Use wide metal from backtab to the
grounds of the input capacitors on VCC and VIN.


Similar Part No. - LT3595

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595 LINER-LT3595 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3595 LINER-LT3595 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3595 LINER-LT3595 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3595 LINER-LT3595 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
More results

Similar Description - LT3595

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595A LINER-LT3595A Datasheet
383Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A_15 Datasheet
388Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
   16 Channel Buck Mode LED Driver
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
   16 Channel LED driver
logo
Texas Instruments
TLC5940 TI1-TLC5940_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
   16-Channel LED Driver
LT3590 LINER-LT3590_15 Datasheet
237Kb / 16P
   48V Buck Mode LED Driver in SC70
logo
Sanken electric
LC5910S SANKEN-LC5910S Datasheet
692Kb / 22P
   Critical Current Mode Buck LED Driver IC
logo
NXP Semiconductors
ASL3416SHN NXP-ASL3416SHN Datasheet
1Mb / 38P
   Enhanced three channel LED buck driver
Rev. 6 - 16 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com