Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3663 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3663
Description  1.2A Step-Down Switching Regulator with Output Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3663 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3663 Datasheet HTML 5Page - Linear Technology LT3663 Datasheet HTML 6Page - Linear Technology LT3663 Datasheet HTML 7Page - Linear Technology LT3663 Datasheet HTML 8Page - Linear Technology LT3663 Datasheet HTML 9Page - Linear Technology LT3663 Datasheet HTML 10Page - Linear Technology LT3663 Datasheet HTML 11Page - Linear Technology LT3663 Datasheet HTML 12Page - Linear Technology LT3663 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3663
9
3663fc
For more information For more information www.linear.com/LT3663
applicaTions inForMaTion
Catch Diode
The catch diode conducts current only during switch-off
time. Average forward current in normal operation is
calculated from:
II
VV
V
D AVG
OUT
IN
OUT
IN
()
=
where IOUT is the maximum output load current pro-
grammedbytheILIMresistor.Peakreversevoltageisequal
to the regulator input voltage. Use a Schottky diode with a
reverse voltage rating greater than the input voltage. The
overvoltage protection feature in the LT3663 keeps the
switch off when VIN > 39V (typical) allowing the use of a
45V rated Schottky even when VIN ranges up to 60V.
Input Capacitor
Bypass the input of the LT3663 circuit with a 1µF or higher
value ceramic capacitor of X7R or X5R type. Y5V types
havepoorperformanceovertemperatureandappliedvolt-
age and are not recommended. If the input power source
has high impedance, or there is significant inductance
due to long wires or cables, additional bulk capacitance
may be necessary. This can be provided with a low per-
formance electrolytic capacitor. Step-down regulators
draw current from the input supply in pulses with very
fast rise and fall times. The input capacitor is required
to reduce the resulting voltage ripple at the LT3663 and
to force this very high frequency switching current into
a tight local loop, minimizing EMI. Place the capacitor in
close proximity to the LT3663 and the catch diode; (see
the PCB Layout section).
Output Capacitor
A 10µF or greater ceramic capacitor is recommended to
provide low output ripple and good transient response.
Ceramic capacitors have very low equivalent series re-
sistance (ESR) and provide the best ripple performance.
Use X5R or X7R types and keep in mind that a ceramic
capacitor biased with VOUT has less than its specified
nominal capacitance.
High performance electrolytic capacitors can be used for
the output capacitor. Low ESR is important, so choose
one that is intended for use in switching regulators. Keep
the ESR less than 0.1Ω.
ILIM Resistor
The LT3663 output current limit controls the maximum
current delivered from the LT3663 regulator. This allows
tighter control of the system power dissipation and also
protects the inductor and diode from overheating during
an overload or short circuit condition. A resistor con-
nected from ILIM pin to GND programs the output current.
Table 1 details the ILIM resistor values for specific output
current limits.
Table 1. Output Current Limit vs RLIM Value
OUTPUT CURRENT LIMIT (A)
RILIM VALUE (kΩ)
0.4
140
0.6
75
0.8
48.7
1.0
36.5
1.2
28.7
There may be a reason in some applications to move the
output current limit. The following simple circuit demon-
strates how the output current limit can be adjusted:
Figure 3. Circuit for Multiple Values of Output Current Limit
LT3663
ON, RILIM = RA
OFF, RILIM = RA + RB
ILIM
3663 F03
RA
RB


Similar Part No. - LT3663

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3667 LINER-LT3667 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3667 LINER-LT3667 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3667 LINER-LT3667_15 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3668 LINER-LT3668 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3668 LINER-LT3668_15 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
More results

Similar Description - LT3663

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3505 LINER-LT3505_15 Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com