Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4321 Datasheet(PDF) 5 Page - Linear Technology

Part # LT4321
Description  PoE Ideal Diode Bridge Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 5 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT4321
5
4321f
For more information www.linear.com/LT4321
pin FuncTions
IN12: Data Pair Input 1. In a PoE system, IN12 connects
to the center tap of the transformer connected to pins 1
and 2 on an RJ45 connector.
IN36: Data Pair Input 2. In a PoE system, IN36 connects
to the center tap of the transformer connected to pins 3
and 6 on an RJ45 connector.
IN45: Spare Pair Input 1. In a PoE system, IN45 connects
to the center tap of the transformer connected to pins 4
and 5 on an RJ45 connector.
IN78: Spare Pair Input 2. In a PoE system, IN78 connects
to the center tap of the transformer connected to pins 7
and 8 on an RJ45 connector.
TG12: Top-Side Gate Driver Output. TG12 pin pulls high
with respect to IN12 when IN12 is greater than OUTP and
IN36 is less than OUTN.
TG36: Top-Side Gate Driver Output. TG36 pin pulls high
with respect to IN36 when IN36 is greater than OUTP and
IN12 is less than OUTN.
TG45: Top-Side Gate Driver Output. TG45 pin pulls high
with respect to IN45 when IN45 is greater than OUTP and
IN78 is less than OUTN.
TG78: Top-Side Gate Driver Output. TG78 pin pulls high
with respect to IN78 when IN78 is greater than OUTP and
IN45 is less than OUTN.
BG12: Bottom-Side Gate Driver Output. BG12 pin pulls
highwithrespecttoOUTNwhenIN36isgreaterthanOUTP
and IN12 is less than OUTN.
BG36: Bottom-Side Gate Driver Output. BG36 pin pulls
highwithrespecttoOUTNwhenIN12isgreaterthanOUTP
and IN36 is less than OUTN.
BG45: Bottom-Side Gate Driver Output. BG45 pin pulls
highwithrespecttoOUTNwhenIN78isgreaterthanOUTP
and IN45 is less than OUTN.
BG78: Bottom-Side Gate Driver Output. BG78 pin pulls
highwithrespecttoOUTNwhenIN45isgreaterthanOUTP
and IN78 is less than OUTN.
EN: Enable, Active Low. Pull down to OUTN to enable ideal
diode bridge mode. EN is internally pulled up to VENOC.
Tie to OUTP if the application circuit uses the EN pin to
enable ideal bridge mode.
EN: Enable, Active High. Pull up to enable ideal diode
bridge mode. EN is internally pulled down to OUTN. Tie
to OUTN if the application circuit uses the EN pin to enable
ideal bridge mode.
OUTP: Positive Output Voltage. OUTP is the rectified
voltage from which the LT4321 draws power.
OUTN: Negative Output Voltage. OUTN is the negative
rectified voltage.
EXPOSED PAD: The exposed pad must be electrically
connected to the OUTN pin.


Similar Part No. - LT4321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4321 LINER-LT4321 Datasheet
785Kb / 10P
   PoE PD with Synchronous Flyback and Ideal Diode Bridge
LT4321 LINER-LT4321 Datasheet
786Kb / 10P
   IEEE 802.3bt Powered Device
LT4321 LINER-LT4321 Datasheet
1Mb / 12P
   High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
More results

Similar Description - LT4321

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
UP-POE-A20-0001 AAEON-UP-POE-A20-0001 Datasheet
520Kb / 1P
   PoE Ideal Diode Bridge & PD Forward/Flyback Controller
logo
Linear Technology
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4276 LINER-LT4276 Datasheet
785Kb / 10P
   PoE PD with Synchronous Flyback and Ideal Diode Bridge
LT4295 LINER-LT4295 Datasheet
1Mb / 12P
   High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4229 LINER-LTC4229_15 Datasheet
413Kb / 28P
   Ideal Diode and Hot Swap Controller
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com