Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-G6QC-1G9600-N2FA Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-G6QC-1G9600-N2FA
Description  SAW Dual Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-G6QC-1G9600-N2FA Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-G6QC-1G9600-N2FA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FAR-G6QC-1G9600-N2FA Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Customer Name
Standard specification
System
GSM1800/GSM1900 Rx (50/150ohms) Date
March 31, 2010
Part Number
FAR-G6QC-1G9600-N2FA
Version 1.0aa
-
Pb-free
P
P
P
Pb
b
b
b
* Pb Free Part
MSL1
Dimensions
Device size: 1.5yp. x 1.1typ. x 0.5max.
Unit : mm
Pin Configuration
Pin No.
Pin
name
Description
Filter No.
Passband(MHz)
System
1
IN
Filter1 input pin
1
1805 ~ 1880
GSM1800-Rx
2
GND
Ground
2
1930 ~ 1990
GSM1900-Rx
3
GND
Ground
4
IN
Filter2 input pin
5
GND
Ground
6
OUT
Filter2 balanced output pin
7
OUT
Filter2 balanced output pin
8
OUT
Filter1 balanced output pin
9
OUT
Filter1 balanced output pin
10
GND
Ground
Evaluation Circuit
1
8
9
2,3,5,10
GND
L=18nH
Balanced
Output
(150ohm)
Unbalanced
Input
(50ohm)
4
6
7
2,3,5,10
GND
L=22nH
Balanced
Output
(150ohm)
Unbalanced
Input
(50ohm)
4,6,7:50ohm
1,8,9:50ohm
Filter 1
Filter 2


Similar Part No. - FAR-G6QC-1G9600-N2FA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G6QC-1G9600-N2FA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
G5QT942M5N2VA TAIYO-YUDEN-G5QT942M5N2VA Datasheet
503Kb / 13P
   SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
   SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
   SAW Dual Filter
G6QD1G960N2DY TAIYO-YUDEN-G6QD1G960N2DY Datasheet
569Kb / 13P
   SAW Dual Filter
FAR-G5QC-942M50-N2CD TAIYO-YUDEN-FAR-G5QC-942M50-N2CD Datasheet
535Kb / 12P
   SAW Dual Filter
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com