Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5QT942M5N2VA Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # G5QT942M5N2VA
Description  SAW Dual Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

G5QT942M5N2VA Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  G5QT942M5N2VA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc G5QT942M5N2VA Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
HIGH FREQUENCY PRODUCTS
SAW Dual Filter
G5QT942M5N2VA
Features
Item Summary
W-CDMA, 604
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 5000 , 15000pcs
Products characteristics table
Temperature Range
-30 to +85℃
Band(3GPP)
B8 / B5
Use
WCDMA
Transmitting / Receiving
Rx Dual Filter
Insertion Loss
2.3/2.0dB
Attenuation
48/48dB
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.5mm +0.1:-0.1
W
1.1mm +0.1:-0.1
T
0.5mm max
2015.06.03
1 / 1


Similar Part No. - G5QT942M5N2VA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Q OMRON-G5Q Datasheet
464Kb / 6P
   PCB Relay
G5Q-1 OMRON-G5Q-1 Datasheet
464Kb / 6P
   PCB Relay
logo
Murata Manufacturing Co...
G5Q-1 MURATA-G5Q-1 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
logo
Omron Electronics LLC
G5Q-1 OMRON-G5Q-1 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
G5Q-1 OMRON-G5Q-1 Datasheet
507Kb / 6P
   PCB Relay
More results

Similar Description - G5QT942M5N2VA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
   SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
   SAW Dual Filter
FAR-G6QC-1G9600-N2FA TAIYO-YUDEN-FAR-G6QC-1G9600-N2FA Datasheet
481Kb / 12P
   SAW Dual Filter
G6QD1G960N2DY TAIYO-YUDEN-G6QD1G960N2DY Datasheet
569Kb / 13P
   SAW Dual Filter
FAR-G5QC-942M50-N2CD TAIYO-YUDEN-FAR-G5QC-942M50-N2CD Datasheet
535Kb / 12P
   SAW Dual Filter
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com